Electronic Components Datasheet Search
  English  ▼

X  

EM73P982 Datasheet(PDF) 32 Page - ELAN Microelectronics Corp

Part # EM73P982
Description  4-BIT MICROCONTROLLER
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM73P982 Datasheet(HTML) 32 Page - ELAN Microelectronics Corp

Back Button EM73P982 Datasheet HTML 28Page - ELAN Microelectronics Corp EM73P982 Datasheet HTML 29Page - ELAN Microelectronics Corp EM73P982 Datasheet HTML 30Page - ELAN Microelectronics Corp EM73P982 Datasheet HTML 31Page - ELAN Microelectronics Corp EM73P982 Datasheet HTML 32Page - ELAN Microelectronics Corp EM73P982 Datasheet HTML 33Page - ELAN Microelectronics Corp EM73P982 Datasheet HTML 34Page - ELAN Microelectronics Corp EM73P982 Datasheet HTML 35Page - ELAN Microelectronics Corp EM73P982 Datasheet HTML 36Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 41 page
background image
32
* This specification are subject to be changed without notice.
EM73P982
EM73P982
EM73P982
EM73P982
EM73P982
4-BIT MICROCONTROLLER
4-BIT MICROCONTROLLER
4-BIT MICROCONTROLLER
4-BIT MICROCONTROLLER
4-BIT MICROCONTROLLER
12.25.2001
RESET
mask option
XIN
XOUT
Crystal
Osc.
mask option
: mask option
P0/WAKEUP
TYPE INPUT-A
XIN
WAKEUP function
mask option
RC Osc.
(comparator)
TYPE I/O
Output
data
latch
Input
data
Output
data
path B
path A
SEL
Special function
control input
WAKEUP function
mask option
RESET PIN TYPE
RESET PIN TYPE
RESET PIN TYPE
RESET PIN TYPE
RESET PIN TYPE
TYPE RESET-A
OSCILLATION PIN TYPE
OSCILLATION PIN TYPE
OSCILLATION PIN TYPE
OSCILLATION PIN TYPE
OSCILLATION PIN TYPE
TYPE OSC-A
TYPE OSC-C
INPUT PIN TYPE
INPUT PIN TYPE
INPUT PIN TYPE
INPUT PIN TYPE
INPUT PIN TYPE
TYPE INPUT-A
TYPE INPUT-B
I/O PIN TYPE
I/O PIN TYPE
I/O PIN TYPE
I/O PIN TYPE
I/O PIN TYPE
TYPE I/O
TYPE I/O-L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com