Electronic Components Datasheet Search
  English  ▼

X  

EM73P982 Datasheet(PDF) 11 Page - ELAN Microelectronics Corp

Part # EM73P982
Description  4-BIT MICROCONTROLLER
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM73P982 Datasheet(HTML) 11 Page - ELAN Microelectronics Corp

Back Button EM73P982 Datasheet HTML 7Page - ELAN Microelectronics Corp EM73P982 Datasheet HTML 8Page - ELAN Microelectronics Corp EM73P982 Datasheet HTML 9Page - ELAN Microelectronics Corp EM73P982 Datasheet HTML 10Page - ELAN Microelectronics Corp EM73P982 Datasheet HTML 11Page - ELAN Microelectronics Corp EM73P982 Datasheet HTML 12Page - ELAN Microelectronics Corp EM73P982 Datasheet HTML 13Page - ELAN Microelectronics Corp EM73P982 Datasheet HTML 14Page - ELAN Microelectronics Corp EM73P982 Datasheet HTML 15Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 41 page
background image
11
* This specification are subject to be changed without notice.
EM73P982
EM73P982
EM73P982
EM73P982
EM73P982
4-BIT MICROCONTROLLER
4-BIT MICROCONTROLLER
4-BIT MICROCONTROLLER
4-BIT MICROCONTROLLER
4-BIT MICROCONTROLLER
12.25.2001
ZERO- PAGE:
From 000h to 00Fh is the location of zero-page. It is used as the pointer in zero -page addressing mode for the
instruction of "STD #k,y; ADD #k,y; CLR y,b; CMP k,y".
PROGRAM EXAMPLE: To wirte immediate data "07h" to address "003h" of RAM and to clear bit 2 of RAM.
STD #07h, 03h ; RAM[03]
← 07h
CLR 0Eh,2 ; RAM[0Eh]
2 ← 0
STACK:
There are 13 - level (maximum) stack for user using for subroutine (including interrupt and CALL). User
can assign any level to be the starting stack by giving the level number to stack pointer (SP).
When user using any instruction of CALL or subroutine, before entry the subroutine, the previous PC address
will be saved into stack until return from those subroutines, the PC value will be restored by the data saved
in stack.
DATA AREA:
Except the special area used by user, the whole RAM can be used as data area for storing and loading general
data.
ADDRESSING MODE
The 372 nibble data memory consists two banks (bank 0 and bank 1). There are 244x4 bits (address
000h~0F3h) on bank 0 and 128x4 bits (address 100h~17Fh) on bank 1.
Increment
Address
020h - 02Fh
0C0h - 0CFh
0D0h - 0DFh
0E0h - 0EFh
Level 0
Level 4
Level 8
Level 12
Level 1
Level 5
Level 9
Level 2
Level 6
Level 10
Level 3
Level 7
Level 11
Zero-page
000h - 00Fh
010h - 01Fh
0F0h - 0F3h
:
:
:
110h - 11Fh
160h - 16Fh
170h - 17Fh
100h - 10Fh
:
:
:
Bank 0
Bank 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com