Electronic Components Datasheet Search
  English  ▼

X  

EM73P982 Datasheet(PDF) 36 Page - ELAN Microelectronics Corp

Part # EM73P982
Description  4-BIT MICROCONTROLLER
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM73P982 Datasheet(HTML) 36 Page - ELAN Microelectronics Corp

Back Button EM73P982 Datasheet HTML 32Page - ELAN Microelectronics Corp EM73P982 Datasheet HTML 33Page - ELAN Microelectronics Corp EM73P982 Datasheet HTML 34Page - ELAN Microelectronics Corp EM73P982 Datasheet HTML 35Page - ELAN Microelectronics Corp EM73P982 Datasheet HTML 36Page - ELAN Microelectronics Corp EM73P982 Datasheet HTML 37Page - ELAN Microelectronics Corp EM73P982 Datasheet HTML 38Page - ELAN Microelectronics Corp EM73P982 Datasheet HTML 39Page - ELAN Microelectronics Corp EM73P982 Datasheet HTML 40Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 41 page
background image
36
* This specification are subject to be changed without notice.
EM73P982
EM73P982
EM73P982
EM73P982
EM73P982
4-BIT MICROCONTROLLER
4-BIT MICROCONTROLLER
4-BIT MICROCONTROLLER
4-BIT MICROCONTROLLER
4-BIT MICROCONTROLLER
12.25.2001
Pad No.
Pad No.
Pad No.
Pad No.
Pad No.
Symbol
Symbol
Symbol
Symbol
Symbol
X
X
X
X
X
Y
Y
Y
Y
Y
39
SEG37
1083.3
-905.3
40
SEG36
1083.3
-720.8
41
SEG35
1083.3
-535.9
42
SEG34
1083.3
-351.5
43
SEG33
1083.3
-166.5
44
SEG32
1083.3
17.9
45
SEG31
1083.3
203.0
46
SEG30
1083.3
387.3
47
SEG29
1083.3
572.4
48
SEG28
1083.3
756.8
49
SEG27
1083.3
941.8
50
SEG26
1083.3
1126.2
51
SEG25
1083.3
1311.2
52
SEG24
1074.8
1624.5
53
SEG23
961.8
1624.5
54
SEG22
848.3
1624.5
55
SEG21
734.8
1624.5
56
SEG20
621.3
1624.5
57
SEG19
507.8
1624.5
58
SEG18
394.3
1624.5
59
SEG17
280.8
1624.5
60
SEG16
167.3
1624.5
61
SEG15
53.8
1624.5
62
SEG14
-59.7
1624.5
63
SEG13
-173.2
1624.5
64
SEG12
-286.7
1624.5
65
SEG11
-400.2
1624.5
66
SEG10
-513.7
1624.5
67
SEG9
-627.2
1624.5
68
SEG8
-740.7
1624.5
69
SEG7
-854.2
1624.5
NOTE :
Chip Size : 2420 x 3510 UM.
For PCB layout, IC substrate must be floated or connected to Vss.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com