Electronic Components Datasheet Search
  English  ▼

X  

EM73P982 Datasheet(PDF) 16 Page - ELAN Microelectronics Corp

Part # EM73P982
Description  4-BIT MICROCONTROLLER
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM73P982 Datasheet(HTML) 16 Page - ELAN Microelectronics Corp

Back Button EM73P982 Datasheet HTML 12Page - ELAN Microelectronics Corp EM73P982 Datasheet HTML 13Page - ELAN Microelectronics Corp EM73P982 Datasheet HTML 14Page - ELAN Microelectronics Corp EM73P982 Datasheet HTML 15Page - ELAN Microelectronics Corp EM73P982 Datasheet HTML 16Page - ELAN Microelectronics Corp EM73P982 Datasheet HTML 17Page - ELAN Microelectronics Corp EM73P982 Datasheet HTML 18Page - ELAN Microelectronics Corp EM73P982 Datasheet HTML 19Page - ELAN Microelectronics Corp EM73P982 Datasheet HTML 20Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 41 page
background image
16
* This specification are subject to be changed without notice.
EM73P982
EM73P982
EM73P982
EM73P982
EM73P982
4-BIT MICROCONTROLLER
4-BIT MICROCONTROLLER
4-BIT MICROCONTROLLER
4-BIT MICROCONTROLLER
4-BIT MICROCONTROLLER
12.25.2001
TIME BASE INTERRUPT (TBI )
TIME BASE INTERRUPT (TBI )
TIME BASE INTERRUPT (TBI )
TIME BASE INTERRUPT (TBI )
TIME BASE INTERRUPT (TBI )
The time base can be used to generate a fixed frequency interrupt. There are 8 kinds of frequencies can be
selected by setting "P25"
Single clock mode
P25
3
2
1
0
( initial value 0000 )
0 0 x x: Interrupt disable
0 1 0 0: Interrupt frequency XIN / 210 Hz
0 1 0 1: Interrupt frequency XIN / 211 Hz
0 1 1 0: Interrupt frequency XIN / 212 Hz
0 1 1 1: Interrupt frequency XIN / 213 Hz
1 1 0 0: Interrupt frequency XIN / 29 Hz
1 1 0 1: Interrupt frequency XIN / 28 Hz
1 1 1 0: Interrupt frequency XIN / 215 Hz
1 1 1 1: Interrupt frequency XIN / 217 Hz
1 0 x x: Reserved
TIMER / COUNTER ( TIMERA, TIMERB)
TIMER / COUNTER ( TIMERA, TIMERB)
TIMER / COUNTER ( TIMERA, TIMERB)
TIMER / COUNTER ( TIMERA, TIMERB)
TIMER / COUNTER ( TIMERA, TIMERB)
Timer/counters can support user three special functions:
1. Even counter
2. Timer.
3. Pulse-width measurement.
These three functions can be executed by 2 timer/counter independently.
For timerA, the counter data is saved in timer register TAH, TAM, TAL, which user can set counter initial
value and read the counter value by instruction "LDATAH(M,L), STATAH(M,L)" and timer register is
TBH, TBM, TBL and W/R instruction "LDATBH (M,L), STATBH (M,L)".
The basic structure of timer/counter is composed by two same structure counter, these two counters can be
set initial value and send counter value to timer register, P28 and P29 are the command ports for timerA
and timer B, user can choose different operation mode and different internal clock rate by setting these two
ports. When timer/counter overflow, it will generate a TRGA(B) interrupt request to interrupt control unit.
To access TA, TB, user must switch RAM at bank0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com