Electronic Components Datasheet Search
  English  ▼

X  

EM73P982 Datasheet(PDF) 1 Page - ELAN Microelectronics Corp

Part # EM73P982
Description  4-BIT MICROCONTROLLER
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM73P982 Datasheet(HTML) 1 Page - ELAN Microelectronics Corp

  EM73P982 Datasheet HTML 1Page - ELAN Microelectronics Corp EM73P982 Datasheet HTML 2Page - ELAN Microelectronics Corp EM73P982 Datasheet HTML 3Page - ELAN Microelectronics Corp EM73P982 Datasheet HTML 4Page - ELAN Microelectronics Corp EM73P982 Datasheet HTML 5Page - ELAN Microelectronics Corp EM73P982 Datasheet HTML 6Page - ELAN Microelectronics Corp EM73P982 Datasheet HTML 7Page - ELAN Microelectronics Corp EM73P982 Datasheet HTML 8Page - ELAN Microelectronics Corp EM73P982 Datasheet HTML 9Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 41 page
background image
1
* This specification are subject to be changed without notice.
EM73P982
EM73P982
EM73P982
EM73P982
EM73P982
4-BIT MICROCONTROLLER
4-BIT MICROCONTROLLER
4-BIT MICROCONTROLLER
4-BIT MICROCONTROLLER
4-BIT MICROCONTROLLER
12.25.2001
GENERAL DESCRIPTION
GENERAL DESCRIPTION
GENERAL DESCRIPTION
GENERAL DESCRIPTION
GENERAL DESCRIPTION
EM73P982 is an advanced single chip CMOS 4-bit one-time programming (OTP) micro-controller. It contains
16K-byte ROM, 372-nibble RAM, 4-bit ALU, 13-level subroutine nesting, 22-stage time base, two 12-bit timer/
counters for the kernal function. EM73P982 also contains 5 interrupt sources, 3 I/O ports (including 1 input port
and 2 bidirection ports), LCD display (40x8), built-in sound generator and speech synthesizer.
Except low-power consumption and high speed, EM73P982 also have a sleep mode for power saving function.
EM73P982 is suitable for appliaction in many fields, for example : family appliance, consumer products, hand
held games and the toy controller ... etc.
FEATURES
FEATURES
FEATURES
FEATURES
FEATURES
• Operation voltage
: 2.4V to 5.5V.
• Clock source
: Single clock system for both RC and Crystal are available by mask option.
External clock and internal clock are available by mask option.
• Oscillation frequency : 480K, 1M, 2M and 4M Hz are available by mask option.
• Instruction set
: 109 powerful instructions.
• Instruction cycle time : Up to 2us for 4 MHz.
• ROM capacity
: 16384 X 8 bits.
• RAM capacity
: 372 X 4 bits.
• Input port
: 1 port (P0.0-P0.3) and sleep/hold releasing function are available by mask option.
(each input pin is pull-up and pull-down resistor available by mask option).
• Bidirection port
: 2 ports (P4, P8). P4.0 and SOUND is available by mask option. P8(0..3) and sleep/
hold releasing function are available by mask option.
• 12-bit timer/counter
: Two 12-bit timer/counters are programmable for timer, event counter and pulse width
measurement.
• Built-in time base counter : 22 stages.
• Subroutine nesting
: Up to 13 levels.
• Interrupt
: External . . . . . 1 input interrupt sources.
Internal . . . . . . 2 Timer overflow interrupts.
1 Time base interrupt.
1 Speech ending interrupt.
• LCD driver
: 40 X 8 dots, 1/8 duty, LCD bias is 1/4 and modified 1/4 available by mask option, LCD
bias resistor is 20K X 5 and 10K X 5 available by mask option.
• Sound effect
: Tone generator, random generator and volume control.
• Speech synthesizer
: Speech data ROM . . 24K bytes.
Sample rate . . . . . . . 4K, 5K, 8K, 10K, 12K, 15K, 20K programmable.
• Power saving function : Sleep mode and Hold mode.
• Package type :
EM73P982H
Chip form
69 pins.


Similar Part No. - EM73P982

ManufacturerPart #DatasheetDescription
logo
ELAN Microelectronics C...
EM73P968 EMC-EM73P968 Datasheet
580Kb / 53P
4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
More results

Similar Description - EM73P982

ManufacturerPart #DatasheetDescription
logo
Winbond
W741C20X WINBOND-W741C20X Datasheet
486Kb / 84P
4-BIT MICROCONTROLLER
W741L260 WINBOND-W741L260 Datasheet
480Kb / 90P
4-BIT MICROCONTROLLER
logo
ELAN Microelectronics C...
EM73982 EMC-EM73982 Datasheet
216Kb / 41P
4-BIT MICROCONTROLLER
EM73PE00 EMC-EM73PE00 Datasheet
722Kb / 51P
4-BIT MICROCONTROLLER
logo
Holtek Semiconductor In...
HTG12B0 HOLTEK-HTG12B0 Datasheet
212Kb / 33P
4-Bit Microcontroller
September 8, 1999
logo
Winbond
W742C811 WINBOND-W742C811 Datasheet
23Kb / 2P
4-BIT MICROCONTROLLER
W742S81A WINBOND-W742S81A Datasheet
242Kb / 47P
4 BIT MICROCONTROLLER
logo
List of Unclassifed Man...
TM8704 ETC-TM8704 Datasheet
75Kb / 8P
4 Bit Microcontroller
logo
Winbond
W742E816 WINBOND-W742E816 Datasheet
518Kb / 58P
4-BIT MICROCONTROLLER
W541C250 WINBOND-W541C250 Datasheet
196Kb / 10P
4-BIT MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com