Electronic Components Datasheet Search
  English  ▼

X  

EM73P982 Datasheet(PDF) 15 Page - ELAN Microelectronics Corp

Part # EM73P982
Description  4-BIT MICROCONTROLLER
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM73P982 Datasheet(HTML) 15 Page - ELAN Microelectronics Corp

Back Button EM73P982 Datasheet HTML 11Page - ELAN Microelectronics Corp EM73P982 Datasheet HTML 12Page - ELAN Microelectronics Corp EM73P982 Datasheet HTML 13Page - ELAN Microelectronics Corp EM73P982 Datasheet HTML 14Page - ELAN Microelectronics Corp EM73P982 Datasheet HTML 15Page - ELAN Microelectronics Corp EM73P982 Datasheet HTML 16Page - ELAN Microelectronics Corp EM73P982 Datasheet HTML 17Page - ELAN Microelectronics Corp EM73P982 Datasheet HTML 18Page - ELAN Microelectronics Corp EM73P982 Datasheet HTML 19Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 41 page
background image
15
* This specification are subject to be changed without notice.
EM73P982
EM73P982
EM73P982
EM73P982
EM73P982
4-BIT MICROCONTROLLER
4-BIT MICROCONTROLLER
4-BIT MICROCONTROLLER
4-BIT MICROCONTROLLER
4-BIT MICROCONTROLLER
12.25.2001
CLOCK AND TIMING GENERATOR
CLOCK AND TIMING GENERATOR
CLOCK AND TIMING GENERATOR
CLOCK AND TIMING GENERATOR
CLOCK AND TIMING GENERATOR
The clock generator is supported by a single clock system, the clock source comes from crystal (resonator)
or RC oscillation is decided by mask option, the working frequency range is 480 K Hz to 4 MHz.
CLOCK AND TIMING GENERATOR STRUCTURE
CLOCK AND TIMING GENERATOR STRUCTURE
CLOCK AND TIMING GENERATOR STRUCTURE
CLOCK AND TIMING GENERATOR STRUCTURE
CLOCK AND TIMING GENERATOR STRUCTURE
The clock generator connects outside compoments (crystal or resonator by XIN and XOUT pin for crystal
osc. type, Resistor and capacitor by CLK pin for RC osc type, these two type is decided by mask option).
The clock generator generates a basic system clock "fc".
When CPU sleeping, the clock generator will be stoped until the sleep condition released.
The system clock control generates 4 basic phase signals (S1, S2, S3, S4) and system clock.
CLOCK AND TIMING GENERATOR FUNCTION
CLOCK AND TIMING GENERATOR FUNCTION
CLOCK AND TIMING GENERATOR FUNCTION
CLOCK AND TIMING GENERATOR FUNCTION
CLOCK AND TIMING GENERATOR FUNCTION
The frequency of fc is the oscillation frequency for XIN, XOUT by crystal ( resonator) or for CLK by RC osc.
When CPU sleeps, the XOUT pin will be in "high" state. When user choose RC osc, XOUT pin is no used.
The instruction cycle equal 8 basic clock fc.
1 instructure cycle = 8 / fc
TIMING GENERATOR AND TIME BASE
TIMING GENERATOR AND TIME BASE
TIMING GENERATOR AND TIME BASE
TIMING GENERATOR AND TIME BASE
TIMING GENERATOR AND TIME BASE
The timing generator produces the system clock from basic clock pulse.
1 instruction cycle = 8 basic clock pulses
There are 22 stages time base.
When working in the single clock mode, the timebase clock source is come from fc.
Time base provides basic frequency for following function:
1. TBI (time base interrupt).
2. Timer/counter, internal clock source.
3. Warm-up time for sleep - mode releasing.
XIN/CLK
XOUT
Crystal connection
XIN/CLK
XOUT
RC connection
sleep
XIN/CLK
XOUT
clock generator
System clock control
fc
System clock
S1
S2
S3
S4
Mask option
Mask option for choose Crystal or RC oscillation
fc
Prescaler
Binary counter
12 3
4
5 6 78 910 11 1213
22
21
20
19
18
17
16
15
14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com