Electronic Components Datasheet Search
  English  ▼

X  

EM73P982 Datasheet(PDF) 10 Page - ELAN Microelectronics Corp

Part # EM73P982
Description  4-BIT MICROCONTROLLER
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM73P982 Datasheet(HTML) 10 Page - ELAN Microelectronics Corp

Back Button EM73P982 Datasheet HTML 6Page - ELAN Microelectronics Corp EM73P982 Datasheet HTML 7Page - ELAN Microelectronics Corp EM73P982 Datasheet HTML 8Page - ELAN Microelectronics Corp EM73P982 Datasheet HTML 9Page - ELAN Microelectronics Corp EM73P982 Datasheet HTML 10Page - ELAN Microelectronics Corp EM73P982 Datasheet HTML 11Page - ELAN Microelectronics Corp EM73P982 Datasheet HTML 12Page - ELAN Microelectronics Corp EM73P982 Datasheet HTML 13Page - ELAN Microelectronics Corp EM73P982 Datasheet HTML 14Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 41 page
background image
10
* This specification are subject to be changed without notice.
EM73P982
EM73P982
EM73P982
EM73P982
EM73P982
4-BIT MICROCONTROLLER
4-BIT MICROCONTROLLER
4-BIT MICROCONTROLLER
4-BIT MICROCONTROLLER
4-BIT MICROCONTROLLER
12.25.2001
B
XA2
:
; - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - -
BANK 2
XB1 :
:
:
BXB
:
XB2 :
:
B
XB2
:
; - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - -
BANK 3
XC1 :
:
:
BXC
:
XC2 :
:
B
XC2
Fixed data can be read out by table-look-up instruction. Table-look-up instruction is depended on the Data
Pointer (DP) to indicate the ROM address, then to get the ROM code data :
LDAX
LDAX
LDAX
LDAX
LDAX
Acc
Acc
Acc
Acc
Acc
←
←
←
←
← ROM[DP]
ROM[DP]
ROM[DP]
ROM[DP]
ROM[DP]
L
L
L
L
L
LDAXI
LDAXI
LDAXI
LDAXI
LDAXI
Acc
Acc
Acc
Acc
Acc
←
←
←
←
← ROM[DP]
ROM[DP]
ROM[DP]
ROM[DP]
ROM[DP]
H
H
H
H
H,DP+1
,DP+1
,DP+1
,DP+1
,DP+1
DP is a 12-bit data register which can store the program ROM address to be the pointer for the ROM code data.
First, user load ROM address into DP by instruction "STADPL, STADPM, STADPH", then user can get the
lower nibble of ROM code data by instruction "LDAX" and higher nibble by instruction "LDAXI".
To access DP (LDADPL, LDADPM, LDADPH, STADPL, STADPM, STADPH), user must switch RAM
at BANK0.
PROGRAM EXAMPLE: Read out the ROM code of address 1777h by table-look-up instruction.
LDIA #07h;
STADPL
; [DP]
L ← 07h
STADPM
; [DP]
M ← 07h
STADPH
; [DP]
H ← 07h, Load DP=777h
:
LDL #00h
;
LDH #03h
;
OUT #00H,P3
;
LDAX
; ACC
← 6h
STAMI
; RAM[30]
← 6h
LDAXI
; ACC
← 5h
STAM
; RAM[31]
← 5h
;
ORG 1777h
DATA 56h
;
DATA RAM ( 372-nibble )
DATA RAM ( 372-nibble )
DATA RAM ( 372-nibble )
DATA RAM ( 372-nibble )
DATA RAM ( 372-nibble )
There is total 372 - nibble data RAM from address 000 to 17Fh
Data RAM includes 3 parts: zero page region, stacks and data area.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com