Electronic Components Datasheet Search
  English  ▼

X  

EM73P982 Datasheet(PDF) 12 Page - ELAN Microelectronics Corp

Part # EM73P982
Description  4-BIT MICROCONTROLLER
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM73P982 Datasheet(HTML) 12 Page - ELAN Microelectronics Corp

Back Button EM73P982 Datasheet HTML 8Page - ELAN Microelectronics Corp EM73P982 Datasheet HTML 9Page - ELAN Microelectronics Corp EM73P982 Datasheet HTML 10Page - ELAN Microelectronics Corp EM73P982 Datasheet HTML 11Page - ELAN Microelectronics Corp EM73P982 Datasheet HTML 12Page - ELAN Microelectronics Corp EM73P982 Datasheet HTML 13Page - ELAN Microelectronics Corp EM73P982 Datasheet HTML 14Page - ELAN Microelectronics Corp EM73P982 Datasheet HTML 15Page - ELAN Microelectronics Corp EM73P982 Datasheet HTML 16Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 41 page
background image
12
* This specification are subject to be changed without notice.
EM73P982
EM73P982
EM73P982
EM73P982
EM73P982
4-BIT MICROCONTROLLER
4-BIT MICROCONTROLLER
4-BIT MICROCONTROLLER
4-BIT MICROCONTROLLER
4-BIT MICROCONTROLLER
12.25.2001
P9.3
instruction field
RAM address
xxxx xxxx
xxxx xxxx
0
instruction field
RAM address
yyyy
0000 yyyy
There are three addressing modes in the data memory :
(1) Indirect addressing mode:
The bank is selected by P9.3. When P9.3 is cleared to "0", the bank 0 is selected.
When P9.3 is set to "1", the bank 1 is selected. The address in the bank are specified by the HL registers.
PROGRAM EXAMPLE: Load the data of RAM address "143h" to RAM address "023h".
SEP P9,3 ; P9.3
← 1
LDL #3h
; LR
← 3
LDH #4h
; HR
← 4
LDAM
; Acc
← RAM[134h]
CLP P9,3 ; P9.3
← 0
LDL #2h
; LR
← 2
LDH #3h
; HR
← 3
STAM
; RAM[023h]
← Acc
(2) Direct addressing mode:
The bank is selected by P9.3. When P9.3 is cleared to "0", the bank 0 is selected.
When P9.3 is set to "1", the bank 1 is selected. The address in the bank are directly specified by 8 bits of the
second byte in the instruction field.
PROGRAM EXAMPLE: Load the data of RAM address "143h" to RAM address "023h".
SEP P9,3 ; P9.3
← 1
LDA 43h
; Acc
← RAM[134h]
CLP P9,3 ; P9.3
← 0
STA 23h
; RAM[023h]
← Acc
(3) Zero-page addressing mode:
The zero-page is the bank 0 (address 000h~00Fh). The address are the lower 4 bits of the second byte in the
instruction field.
PROGRAM EXAMPLE: Write immediate "0Fh" to RAM address "005h".
STD #0Fh, 05h ; RAM[05h]
← 0Fh
P9.3
HR
LR
RAM address



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com