Electronic Components Datasheet Search
  English  ▼

X  

LP3971 Datasheet(PDF) 20 Page - Texas Instruments

Click here to check the latest version.
Part # LP3971
Description  Power Management Unit for Advanced Application Processors
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP3971 Datasheet(HTML) 20 Page - Texas Instruments

Back Button LP3971 Datasheet HTML 16Page - Texas Instruments LP3971 Datasheet HTML 17Page - Texas Instruments LP3971 Datasheet HTML 18Page - Texas Instruments LP3971 Datasheet HTML 19Page - Texas Instruments LP3971 Datasheet HTML 20Page - Texas Instruments LP3971 Datasheet HTML 21Page - Texas Instruments LP3971 Datasheet HTML 22Page - Texas Instruments LP3971 Datasheet HTML 23Page - Texas Instruments LP3971 Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 57 page
background image
High PFM Threshold
~1.017*Vout
Low1 PFM Threshold
~1.006*Vout
PFM Mode at Light Load
PWM Mode at
Moderate to Heavy
Loads
Pfet on
until
Ipfm limit
reached
Nfet on
drains
conductor
current
until
I inductor=0
High PFM
Voltage
Threshold
reached,
go into
sleep mode
Low PFM
Threshold,
turn on
PFET
Current load
increases,
draws Vout
towards
Low2 PFM
Threshold
Low2 PFM Threshold,
switch back to PWMmode
Load current
increases
Low2 PFM Threshold
Vout
LP3971
SNVS432U – JANUARY 2006 – REVISED OCTOBER 2008
www.ti.com
Figure 5. Operation in PFM Mode and Transfer to PWM Mode
SHUTDOWN MODE
During shutdown the PFET switch, reference, control and bias circuitry of the converters are turned off. The
NFET switch will be open in shutdown to discharge the output. When the converter is enabled, EN, soft start is
activated. It is recommended to disable the converter during the system power up and undervoltage conditions
when the supply is less than 2.7V.
SOFT START
The buck converter has a soft-start circuit that limits in-rush current during start-up. During start-up the switch
current limit is increased in steps. Soft start is activated only if EN goes from logic low to logic high after VIN
reaches 2.7V. Soft start is implemented by increasing switch current limit in steps of 213 mA, 425 mA, 850 mA
and 1700 mA (typ. Switch current limit). The start-up time thereby depends on the output capacitor and load
current demanded at start-up. Typical start-up times with 10
μF output capacitor and 1000 mA load current is 390
μs and with 1 mA load current is 295 μs.
LDO - LOW DROP OUT OPERATION
The LP3971 can operate at 100% duty cycle (no switching; PMOS switch completely on) for low drop out support
of the output voltage. In this way the output voltage will be controlled down to the lowest possible input voltage.
When the device operates near 100% duty cycle, output voltage ripple is approximately 25 mV. The minimum
input voltage needed to support the output voltage is
VIN, MIN = ILOAD * (RDSON, PFET + RINDUCTOR) + VOUT
(1)
ILOAD
Load Current
RDSON, PFET
Drain to source resistance of PFET switch in the triode region
RINDUCTOR
Inductor resistance
20
Submit Documentation Feedback
Copyright © 2006–2008, Texas Instruments Incorporated
Product Folder Links: LP3971



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com