Electronic Components Datasheet Search
  English  ▼

X  

LP3971 Datasheet(PDF) 44 Page - Texas Instruments

Click here to check the latest version.
Part # LP3971
Description  Power Management Unit for Advanced Application Processors
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP3971 Datasheet(HTML) 44 Page - Texas Instruments

Back Button LP3971 Datasheet HTML 40Page - Texas Instruments LP3971 Datasheet HTML 41Page - Texas Instruments LP3971 Datasheet HTML 42Page - Texas Instruments LP3971 Datasheet HTML 43Page - Texas Instruments LP3971 Datasheet HTML 44Page - Texas Instruments LP3971 Datasheet HTML 45Page - Texas Instruments LP3971 Datasheet HTML 46Page - Texas Instruments LP3971 Datasheet HTML 47Page - Texas Instruments LP3971 Datasheet HTML 48Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 57 page
background image
IRMS = IOUTMAX
where r =
L * f * IOUTMAX* VIN
(VIN - VOUT) * VOUT
1 -
¨
¨
©
§
VOUT
VIN
*
VOUT
VIN
+
r
2
12
*
ISAT > IOUTMAX + IRIPPLE
where IRIPPLE =
*
¨
¨
©
§ V
IN - VOUT
2
¨
¨
©
§ V
OUT
VIN
¨
¨
©
§
f
1
* L
*
LP3971
SNVS432U – JANUARY 2006 – REVISED OCTOBER 2008
www.ti.com
(2)
• IRIPPLE: Average to peak inductor current
• IOUTMAX: Maximum load current (1500 mA)
• VIN: Maximum input voltage in application
• L: Min inductor value including worst case tolerances (30% drop can be considered for method 1)
• f: Minimum switching frequency (1.6 MHz)
• VOUT: Output voltage
Method 2
A more conservative and recommended approach is to choose an inductor that has saturation current rating
greater than the max current limit of TBD mA.
A 2.2
μH inductor with a saturation current rating of at least TBD mA is recommended for most applications. The
inductor’s resistance should be less than 0.3
Ω for a good efficiency. Table 1 lists suggested inductors and
suppliers. For low-cost applications, an unshielded bobbin inductor could be considered. For noise critical
applications, a toroidal or shielded bobbin inductor should be used. A good practice is to lay out the board with
overlapping footprints of both types for design flexibility. This allows substitution of a low-noise shielded inductor,
in the event that noise from low-cost bobbin models is unacceptable.
Input Capacitor Selection
A ceramic input capacitor of 10
μF, 6.3V is sufficient for most applications. Place the input capacitor as close as
possible to the VIN pin of the device. A larger value may be used for improved input voltage filtering. Use X7R or
X5R types, do not use Y5V. DC bias characteristics of ceramic capacitors must be considered when selecting
case sizes like 0805 and 0603. The input filter capacitor supplies current to the PFET switch of the converter in
the first half of each cycle and reduces voltage ripple imposed on the input power source. A ceramic capacitor’s
low ESR provides the best noise filtering of the input voltage spikes due to this rapidly changing current. Select a
capacitor with sufficient ripple current rating. The input current ripple can be calculated as:
(3)
The worst case is when VIN = 2 * VOUT
Table 1. Suggested Inductors and Their Suppliers
Model
Vendor
Dimensions LxWxH (mm)
D.C.R (Typ)
FDSE0312-2R2M
Toko
3.0 x 3.0 x 1.2
160 m
Ω
DO1608C-222
Coilcraft
6.6 x 4.5 x 1.8
80 m
Ω
Output Capacitor Selection
Use a 10
μF, 6.3V ceramic capacitor. Use X7R or X5R types, do not use Y5V. DC bias characteristics of ceramic
capacitors must be considered when selecting case sizes like 0805 and 0603. DC bias characteristics vary from
manufacturer to manufacturer and dc bias curves should be requested from them as part of the capacitor
selection process. The output filter capacitor smooths out current flow from the inductor to the load, helps
maintain a steady output voltage during transient load changes and reduces output voltage ripple. These
capacitors must be selected with sufficient capacitance and sufficiently low ESR to perform these functions.
The output voltage ripple is caused by the charging and discharging of the output capacitor and also due to its
ESR and can be calculated as:
44
Submit Documentation Feedback
Copyright © 2006–2008, Texas Instruments Incorporated
Product Folder Links: LP3971



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com