Electronic Components Datasheet Search
  English  ▼

X  

LP3971 Datasheet(PDF) 27 Page - Texas Instruments

Click here to check the latest version.
Part # LP3971
Description  Power Management Unit for Advanced Application Processors
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP3971 Datasheet(HTML) 27 Page - Texas Instruments

Back Button LP3971 Datasheet HTML 23Page - Texas Instruments LP3971 Datasheet HTML 24Page - Texas Instruments LP3971 Datasheet HTML 25Page - Texas Instruments LP3971 Datasheet HTML 26Page - Texas Instruments LP3971 Datasheet HTML 27Page - Texas Instruments LP3971 Datasheet HTML 28Page - Texas Instruments LP3971 Datasheet HTML 29Page - Texas Instruments LP3971 Datasheet HTML 30Page - Texas Instruments LP3971 Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 57 page
background image
LP3971
www.ti.com
SNVS432U – JANUARY 2006 – REVISED OCTOBER 2008
Bit
Access
Name
Description
1
—
—
Reserved
0
R/W
B1EN
VCC_Buck1 Supply Output Enabled
0 = VCC_Buck1 Supply Output Disabled
1 = VCC_Buck1 Supply Output Enabled
BUCK STATUS REGISTER (BOVSR) 8H'11
Bit
7
6
5
4
3
2
1
0
Designation
BT_OK
Reserved
Reserved
B3_OK
Reserved
B2_OK
B1_OK
Reset Value
0
0
0
0
0
0
0
0
BUCK STATUS REGISTER (BOVSR) 8H'11 DEFINITIONS
Bit
Access
Name
Description
7
R
BT_OK
Buck 1–3 Supply Output Voltage Status
0 = (Buck 1–3) output voltage <90% Default value
1 = (Buck 1–3) output voltage >90% Default value
6:5
—
—
Reserved
4
R
B3_OK
Buck 3 Supply Output Voltage Status
0 = (Buck 3) output voltage <90% Default value
1 = (Buck 3) output voltage >90% Default value
3
—
—
Reserved
2
R
B2_OK
Buck 2 Supply Output Voltage Status
0 = (Buck 2) output voltage <90% Default value
1 = (Buck 2) output voltage >90% Default value
1
—
—
Reserved
0
R
B1_OK
Buck 1 Supply Output Voltage Status
0 = (Buck 1) output voltage <90% Default value
1 = (Buck 1) output voltage >90% Default value
LDO OUTPUT VOLTAGE ENABLE REGISTER (LDOEN) 8H'12
Bit
7
6
5
4
3
2
1
0
Designation
L5EC**
L4EC**
LDO5_EN
LDO4_EN
LDO3_EN
LDO2_EN
LDO1_EN
Reserved
Reset Value
0**
0**
1
1
1
1
1
0
LDO OUTPUT VOLTAGE ENABLE REGISTER (LDOEN) 8H'12 DEFINITIONS
Bit
Access
Name
Description
7
R/W
L5EC
Connects LDO5 enable to SYS_EN or PWR_EN Logic Control pin
0 = LDO 5 enable connected to PWR_EN
1 = LDO 5 enable connected to SYS_EN
6
R/W
L4EC
Connects LDO4 enable to SYS_EN or PWR_EN Logic Control pin
0 = LDO 4 enable connected to PWR_EN
1 = LDO 4 enable connected to SYS_EN
5
R/W
LDO5_EN
LDO_5 Output Voltage Enable
0 = LDO5 Supply Output Disabled
1 = LDO5 Supply Output Enabled
4
R/W
LDO4_EN
LDO_4 Output Voltage Enable
0 = LDO4 Supply Output Disabled
1 = LDO4 Supply Output Enabled
3
R/W
LDO3_EN
LDO_3 Output Voltage Enable
0 = LDO3 Supply Output Disabled
1 = LDO3 Supply Output Enabled
2
R/W
LDO2_EN
LDO_2 Output Voltage Enable
0 = LDO2 Supply Output Disabled
1 = LDO2 Supply Output Enabled
Copyright © 2006–2008, Texas Instruments Incorporated
Submit Documentation Feedback
27
Product Folder Links: LP3971



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com