Electronic Components Datasheet Search
  English  ▼

X  

LP3971 Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # LP3971
Description  Power Management Unit for Advanced Application Processors
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP3971 Datasheet(HTML) 17 Page - Texas Instruments

Back Button LP3971 Datasheet HTML 13Page - Texas Instruments LP3971 Datasheet HTML 14Page - Texas Instruments LP3971 Datasheet HTML 15Page - Texas Instruments LP3971 Datasheet HTML 16Page - Texas Instruments LP3971 Datasheet HTML 17Page - Texas Instruments LP3971 Datasheet HTML 18Page - Texas Instruments LP3971 Datasheet HTML 19Page - Texas Instruments LP3971 Datasheet HTML 20Page - Texas Instruments LP3971 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 57 page
background image
LP3971
www.ti.com
SNVS432U – JANUARY 2006 – REVISED OCTOBER 2008
I
2C Compatible Serial Interface Electrical Specifications (SDA and SCL)
Unless otherwise noted, VIN = 3.6V. Typical values and limits appearing in normal type apply for TJ = 25°C. Limits appearing
in boldface type apply over the entire junction temperature range for operation,
−40°C to +125°C.
(1) (2) and (3)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
VIL
Low Level Input Voltage
(4)
−0.5
0.3
V
VRTC
VIH
High Level Input Voltage
(4)
0.7
VRTC
VRTC
VOL
Low Level Output Voltage
(4)
0
0.2
VTRC
IOL
Low Level Output Current
VOL = 0.4V
(4)
3.0
mA
FCLK
Clock Frequency
(4)
400
kHz
tBF
Bus-Free Time Between Start and Stop
(4)
1.3
μs
tHOLD
Hold Time Repeated Start Condition
(4)
0.6
μs
tCLKLP
CLK Low Period
(4)
1.3
μs
tCLKHP
CLK High Period
(4)
0.6
μs
tSU
Set Up Time Repeated Start Condition
(4)
0.6
μs
tDATAHLD
Data Hold Time
(4)
0
μs
tCLKSU
Data Set Up Time
(4)
100
ns
TSU
Set Up Time for Start Condition
(4)
0.6
μs
TTRANS
Maximum Pulse Width of Spikes that Must
(4)
50
ns
be Suppressed by the Input Filter of Both
DATA & CLK Signals
(1)
All voltages are with respect to the potential at the GND pin.
(2)
All limits guaranteed at room temperature (standard typeface) and at temperature extremes (bold typeface). All room temperature limits
are production tested, guaranteed through statistical analysis or guaranteed by design. All limits at temperature extremes are
guaranteed via correlation using standard Statistical Quality Control (SQC) methods. All limits are used to calculate Average Outgoing
Quality Level (AOQL).
(3)
The I2C signals behave like open-drain outputs and require an external pull-up resistor on the system module in the 2 k
Ω to 20 kΩ
range.
(4)
This electrical specification is guaranteed by design.
BUCK CONVERTER OPERATION
DEVICE INFORMATION
The LP3971 includes three high efficiency step down DC-DC switching buck converters. Using a voltage mode
architecture with synchronous rectification, the buck converters have the ability to deliver up to 1600 mA
depending on the input voltage, output voltage, ambient temperature and the inductor chosen.
There are three modes of operation depending on the current required - PWM, PFM, and shutdown. The device
operates in PWM mode at load currents of approximately 100 mA or higher, having voltage tolerance of ±3%
with 95% efficiency or better. Lighter load currents cause the device to automatically switch into PFM for reduced
current consumption. Shutdown mode turns off the device, offering the lowest current consumption (IQ, SHUTDOWN
= 0.01 µA typ).
Additional features include soft-start, under voltage protection, current overload protection, and thermal shutdown
protection.
The part uses an internal reference voltage of 0.5V. It is recommended to keep the part in shutdown until the
input voltage is 2.7V or higher.
CIRCUIT OPERATION
The buck converter operates as follows. During the first portion of each switching cycle, the control block turns
on the internal PFET switch. This allows current to flow from the input through the inductor to the output filter
capacitor and load. The inductor limits the current to a ramp with a slope of (VIN–VOUT)/L, by storing energy in a
magnetic field.
Copyright © 2006–2008, Texas Instruments Incorporated
Submit Documentation Feedback
17
Product Folder Links: LP3971



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com