Electronic Components Datasheet Search
  English  ▼

X  

LP3971 Datasheet(PDF) 23 Page - Texas Instruments

Click here to check the latest version.
Part # LP3971
Description  Power Management Unit for Advanced Application Processors
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP3971 Datasheet(HTML) 23 Page - Texas Instruments

Back Button LP3971 Datasheet HTML 19Page - Texas Instruments LP3971 Datasheet HTML 20Page - Texas Instruments LP3971 Datasheet HTML 21Page - Texas Instruments LP3971 Datasheet HTML 22Page - Texas Instruments LP3971 Datasheet HTML 23Page - Texas Instruments LP3971 Datasheet HTML 24Page - Texas Instruments LP3971 Datasheet HTML 25Page - Texas Instruments LP3971 Datasheet HTML 26Page - Texas Instruments LP3971 Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 57 page
background image
DATA OUTPUT
BY TRANSMITTER
DATA OUTPUT
BY RECEIVER
SCL FROM
MASTER
START
condition
S
acknowledge
1
8
9
I
2
C - bus.
clock pulse for
acknowledgement
VCC_APPS
9ROWDJH µµ$¶¶
9ROWDJH µµ%¶¶
5 Ps TYP
start
msb Chip Address lsb
SCL
w
msb Register Add lsb
rs
r
msb
DATA
lsb
stop
SDA
start
Id = 34h
w ack
addr = 00h
ack
rs
r ack
$GGUHVV K¶00 data
ack stop
msb Chip Address lsb
Id = 34h
ack
ack
ack
ack
LP3971
www.ti.com
SNVS432U – JANUARY 2006 – REVISED OCTOBER 2008
Figure 8. Read Cycle
w = write (SDA = “0”)
r = read (SDA = “1”)
ack = acknowledge (SDA pulled down by either master or slave)
rs = repeated start
id = 34h (Chip Address)
Figure 9. I2C DVM Timing for VCC_APPS (Buck1)
LP3971 I
2C Register Definitions
I
2C CONTROL REGISTERS
Register
Register
Read/
Register Description
Address
Name
Write
8h'02
ISR
R
Interrupt Status Register A
8h'07
SCR1
R/W
System Control Register 1
8h'0B
BBCC
R/W
Backup Battery Charger Control Register
8h'0E
SCR2
R/W
System Control Register 2
8h'10
BOVEN
R/W
Buck Output Voltage Enable Register
8h'11
BOVSR
R
Buck Output Voltage Status Register
8h'12
LDOEN
R/W
LDO Output Voltage Enable Register
8h'13
LDOVS
R
LDO Output Voltage Status Register
8h'20
VCC1
R/W
Voltage Change Control Register 1
8h'23
B1TV1
R/W
Buck 1 Target Voltage 1 Register
8h'24
B1TV2
R/W
Buck 1 Target Voltage 2 Register
8h'25
B1RC
R/W
Buck 1 Ramp Control
8h'29
B2TV1
R/W
Buck 2 Target Voltage 1 Register
8h'2A
B2TV2
R/W
Buck 2 Target Voltage 2 Register
Copyright © 2006–2008, Texas Instruments Incorporated
Submit Documentation Feedback
23
Product Folder Links: LP3971



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com