Electronic Components Datasheet Search
  English  ▼

X  

LP3971 Datasheet(PDF) 37 Page - Texas Instruments

Click here to check the latest version.
Part # LP3971
Description  Power Management Unit for Advanced Application Processors
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP3971 Datasheet(HTML) 37 Page - Texas Instruments

Back Button LP3971 Datasheet HTML 33Page - Texas Instruments LP3971 Datasheet HTML 34Page - Texas Instruments LP3971 Datasheet HTML 35Page - Texas Instruments LP3971 Datasheet HTML 36Page - Texas Instruments LP3971 Datasheet HTML 37Page - Texas Instruments LP3971 Datasheet HTML 38Page - Texas Instruments LP3971 Datasheet HTML 39Page - Texas Instruments LP3971 Datasheet HTML 40Page - Texas Instruments LP3971 Datasheet HTML 41Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 57 page
background image
LP3971
www.ti.com
SNVS432U – JANUARY 2006 – REVISED OCTOBER 2008
Register Programming Examples
Example 1. Setting register 8h'12 value to 8h'3E' will enable LDOs 1–5.
Example 2. Setting register 8h'39 to 8h'CC' will set LDOs 1 and 2 to 3.0V. These voltages will appear at the LDO
outputs if the corresponding LDO has been enabled. Programming a voltage value to a LDO, which is off, will
affect the LDO output voltage after the LDO is enabled. Enabling and programming the output voltage are
separate operations.
DIGITAL INTERFACE CONTROL SIGNALS
Signal
Definition
Active State
Signal Direction
SYS_EN
High Voltage Power Enable
High
Input
PWR_EN
Low Voltage Power Enable
High
Input
SCL
Serial Bus Clock Line
Clock
Input
SDA
Serial Bus Data Line
Bidirectional
nRSTI
Forces an Unconditional Hardware Reset
Low
Input
nRSTO
Forces an Unconditional Hardware Reset
Low
Output
nBATT_FLT
Main Battery Removed or Discharged Indicator
Low
Output
PWR_ON
Wakeup Input to CPU
High
Input
nTEST_JIG
Wakeup Input to CPU
Low
Input
SPARE
Wakeup Input to CPU
High/Low*
Input
EXT_WAKEUP
Wake-Up Output for Application Processor
High
Output
GPIO1/nCHG_EN
General Purpose I/O/External Back-Up Battery Charger
-/Low
Bidirectional/Input
GPIO2
General Purpose I/O
-
Bidirectional
POWER DOMAIN ENABLES
PMU Output
HW Enable
SW Enable
LDO_RTC
-
-
LDO1
SYS_EN
LDO1_EN
LDO2
SYS_EN
LDO2_EN
LDO3
SYS_EN
LDO3_EN
LDO4
PWR_EN/SYS_EN
LDO4_EN
LDO5
PWR_EN/SYS_EN
LDO5_EN
BUCK1
PWR_EN
B1_EN
BUCK2
SYS_EN/PWR_EN
B2_EN
BUCK3
SYS_EN
B3_EN
LDO_RTC TRACKING (nIO_TRACK)
LP3971 has a tracking function (nIO_TRACK). When enabled, LDO_RTC voltage will track LDO1 voltage within
200 mV down to 2.8V when LDO1 is enabled. This function can be switched on/off by BPTR (8h'0E) register bit.
LDO4, LDO5 AND BUCK 2 ENABLE SELECTION (LDO4_ESEL, LDO5_ESEL AND BUCK2_ESEL)
LDO4, 5 and BUCK2 power domain enable is possible to change between SYS_EN and PWR_EN by register
bits.
Copyright © 2006–2008, Texas Instruments Incorporated
Submit Documentation Feedback
37
Product Folder Links: LP3971



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com