Electronic Components Datasheet Search
  English  ▼

X  

LP3971 Datasheet(PDF) 40 Page - Texas Instruments

Click here to check the latest version.
Part # LP3971
Description  Power Management Unit for Advanced Application Processors
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP3971 Datasheet(HTML) 40 Page - Texas Instruments

Back Button LP3971 Datasheet HTML 36Page - Texas Instruments LP3971 Datasheet HTML 37Page - Texas Instruments LP3971 Datasheet HTML 38Page - Texas Instruments LP3971 Datasheet HTML 39Page - Texas Instruments LP3971 Datasheet HTML 40Page - Texas Instruments LP3971 Datasheet HTML 41Page - Texas Instruments LP3971 Datasheet HTML 42Page - Texas Instruments LP3971 Datasheet HTML 43Page - Texas Instruments LP3971 Datasheet HTML 44Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 57 page
background image
VCC_RTC
nRSTO
nBATT_FLT
SYS_EN
High-Volt_PD
nRESET_OUT
PWR_EN
Low-Volt_PD
t5
13 MHZ_OSC
PXA27x Output
PXA27x Output
PXA27x Output
PXA27x Output
1.
2.
3,4.
5.
6.
7.
8.
9,10.
t2
t4
t1
t3
Main Batt
VIN
BU Batt
VIN
LP3971
SNVS432U – JANUARY 2006 – REVISED OCTOBER 2008
www.ti.com
Application Note - LP3971 Reset Sequence
INITIAL COLD START POWER ON SEQUENCE
1. The Back up battery is connected to the PMU, power is applied to the back-up battery pin, the RTC_LDO
turns on and supplies a stable output voltage to the VCC_BATT pin of the Applications processor (initiating
the power-on reset event) with nRSTO asserted from the LP3971 to the processor.
2. nRSTO de-asserts after a minimum of 50 mS.
3. The Applications processor waits for the de-assertion of nBATT_FLT to indicate system power (VIN) is
available.
4. After system power (VIN) is applied, the LP3971 de-asserts nBATT_FLT. Note that BOTH nRSTO and
nBATT_FLT need to be de-asserted before SYS_EN is enabled. The sequence of the two signals is
independent of each other.
5. The Applications processor asserts SYS_EN, the LP3971 enables the system high-voltage power supplies.
The Applications processor starts its countdown timer set to 125 mS.
6. The LP3971 enables the high-voltage power supplies.
–
LDO1 power for VCC_MVT (Power for internal logic and I/O Blocks), BG (Bandgap reference voltage),
OSC13M (13 MHz oscillator voltage) and PLL enabled first, followed by others if delay is on.
7. Countdown timer expires; the Applications processor asserts PWR_EN to enable the low-voltage power
supplies. The processor starts the countdown timer set to 125 mS period.
8. The Applications processor asserts PWR_EN (ext. pin or I2C), the LP3971 enables the low-voltage
regulators.
9. Countdown timer expires; If enabled power domains are OK (I2C read) the power up sequence continues by
enabling the processors 13 MHz oscillator and PLL’s.
10. The Applications processor begins the execution of code.
Note that BOTH nRSTO and nBATT_FLT need to be de-asserted before SYS_EN is enabled. The sequence of the
two signals is independent of each other and can occur is either order.
40
Submit Documentation Feedback
Copyright © 2006–2008, Texas Instruments Incorporated
Product Folder Links: LP3971



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com