Electronic Components Datasheet Search
  English  ▼

X  

LP3971 Datasheet(PDF) 35 Page - Texas Instruments

Click here to check the latest version.
Part # LP3971
Description  Power Management Unit for Advanced Application Processors
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP3971 Datasheet(HTML) 35 Page - Texas Instruments

Back Button LP3971 Datasheet HTML 31Page - Texas Instruments LP3971 Datasheet HTML 32Page - Texas Instruments LP3971 Datasheet HTML 33Page - Texas Instruments LP3971 Datasheet HTML 34Page - Texas Instruments LP3971 Datasheet HTML 35Page - Texas Instruments LP3971 Datasheet HTML 36Page - Texas Instruments LP3971 Datasheet HTML 37Page - Texas Instruments LP3971 Datasheet HTML 38Page - Texas Instruments LP3971 Datasheet HTML 39Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 57 page
background image
LP3971
www.ti.com
SNVS432U – JANUARY 2006 – REVISED OCTOBER 2008
Bit
Access
Name
Description
3:0
R/W
L1OV
4h'0
1.8
4h'1
1.9
4h'2
2.0
4h'3
2.1
4h'4
2.2
4h'5
2.3
4h'6
2.4
4h'7
2.5
4h'8
2.6
4h'9
2.7
4h'A
2.8
4h'B
2.9
4h'C
3.0
4h'D
3.1
4h'E
3.2
4h'F
3.3
LDO4–LDO3 VOLTAGE CONTROL REGISTER (L43VCR) 8H'3A
Bit
7
6
5
4
3
2
1
0
Designation
LDO 4 Output Voltage (L4OV)**
LDO 3 Output Voltage (L3OV)**
Reset Value
0**
1**
1**
0**
1**
1**
0**
0**
LDO4–LDO3 VOLTAGE CONTROL REGISTER (L43VCR) 8H'3A DEFINITIONS
Bit
Access
Name
Description
7:4
R/W
L4OV
Data Code
Output Voltage
4h'0
1.00
4h'1
1.05
4h'2
1.10
4h'3
1.15
4h'4
1.20
4h'5
1.25
4h'6
1.30
4h'7
1.35
4h'8
1.40
4h'9
1.50
4h'A
1.80
4h'B
1.90
4h'C
2.50
4h'D
2.80
4h'E
3.00
4h'F
3.30
Copyright © 2006–2008, Texas Instruments Incorporated
Submit Documentation Feedback
35
Product Folder Links: LP3971



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com