Electronic Components Datasheet Search
  English  ▼

X  

LP3971 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # LP3971
Description  Power Management Unit for Advanced Application Processors
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP3971 Datasheet(HTML) 10 Page - Texas Instruments

Back Button LP3971 Datasheet HTML 6Page - Texas Instruments LP3971 Datasheet HTML 7Page - Texas Instruments LP3971 Datasheet HTML 8Page - Texas Instruments LP3971 Datasheet HTML 9Page - Texas Instruments LP3971 Datasheet HTML 10Page - Texas Instruments LP3971 Datasheet HTML 11Page - Texas Instruments LP3971 Datasheet HTML 12Page - Texas Instruments LP3971 Datasheet HTML 13Page - Texas Instruments LP3971 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 57 page
background image
LP3971
SNVS432U – JANUARY 2006 – REVISED OCTOBER 2008
www.ti.com
LDO RTC
Unless otherwise noted, VIN = 3.6V, CIN = 1.0 μF, COUT = 0.47 µF, COUT (VRTC) = 1.0 μF ceramic. Typical values and limits
appearing in normal type apply for TJ = 25°C. Limits appearing in boldface type apply over the entire junction temperature
range for operation,
−40°C to +125°C.
(1) (2) (3) and (4)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
VOUT
Output Voltage Accuracy
VIN Connected, Load Current = 1 mA
2.632
2.8
2.968
V
Accuracy
ΔVOUT
Line Regulation
VIN = (VOUT nom + 1.0V) to 5.5V
(5) Load
0.15
%/V
Current = 1 mA
Load Regulation
From Main Battery
0.05
Load Current = 1 mA to 30 mA
%/mA
From Backup Battery
0.5
VIN = 3.0V
Load Current = 1 mA to 10 mA
ISC
Short Circuit Current Limit
From Main Battery
100
VIN = VOUT +0.3V to 5.5V
mA
From Backup Battery
30
VIN - VOUT
Dropout Voltage
Load Current = 10 mA
375
mV
IQ_Max
Maximum Quiescent Current
IOUT = 0 mA
30
μA
TP1
RTC LDO Input Switched from Main Battery VIN Falling
2.9
V
to Backup Battery
TP2
RTC LDO Input Switched from Backup
VIN Rising
3.0
V
Battery to Main Battery
CO
Output Capacitor
Capacitance for Stability
0.7
1.0
μF
ESR
5
500
m
Ω
(1)
All voltages are with respect to the potential at the GND pin.
(2)
All limits guaranteed at room temperature (standard typeface) and at temperature extremes (bold typeface). All room temperature limits
are production tested, guaranteed through statistical analysis or guaranteed by design. All limits at temperature extremes are
guaranteed via correlation using standard Statistical Quality Control (SQC) methods. All limits are used to calculate Average Outgoing
Quality Level (AOQL).
(3)
Dropout voltage is the input-to-output voltage difference at which the output voltage is 100 mV below its nominal value.
(4)
LDO_RTC voltage can track LDO1 voltage. LP3971 has a tracking function (nIO_TRACK). When enabled, LDO_RTC voltage will track
LDO1 voltage within 200mV down to 2.8V when LDO1 is enabled
(5)
VIN minimum for line regulation values is 2.7V for LDOs 1–3 and 1.8V for LDOs 4 and 5. Condition does not apply to input voltages
below the minimum input operating voltage.
10
Submit Documentation Feedback
Copyright © 2006–2008, Texas Instruments Incorporated
Product Folder Links: LP3971



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com