Electronic Components Datasheet Search
  English  ▼

X  

LP3971 Datasheet(PDF) 24 Page - Texas Instruments

Click here to check the latest version.
Part # LP3971
Description  Power Management Unit for Advanced Application Processors
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP3971 Datasheet(HTML) 24 Page - Texas Instruments

Back Button LP3971 Datasheet HTML 20Page - Texas Instruments LP3971 Datasheet HTML 21Page - Texas Instruments LP3971 Datasheet HTML 22Page - Texas Instruments LP3971 Datasheet HTML 23Page - Texas Instruments LP3971 Datasheet HTML 24Page - Texas Instruments LP3971 Datasheet HTML 25Page - Texas Instruments LP3971 Datasheet HTML 26Page - Texas Instruments LP3971 Datasheet HTML 27Page - Texas Instruments LP3971 Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 57 page
background image
LP3971
SNVS432U – JANUARY 2006 – REVISED OCTOBER 2008
www.ti.com
Register
Register
Read/
Register Description
Address
Name
Write
8h'2B
B2RC
R/W
Buck 2 Voltage Ramp Control
8h'32
B3TV1
R/W
Buck 3 Target Voltage 1 Register
8h'33
B3TV2
R/W
Buck 3 Target Voltage 2 Register
8h'34
B3RC
R/W
Buck 3 Voltage Ramp Control
8h'38
BFR
R/W
Buck Function Register
8h'39
L21VCR
R/W
LDO2 & 1 Voltage Control Registers
8h'3A
L43VCR
R/W
LDO4 & LDO3 Voltage Control Registers
8h'3B
L5VCR
R/W
LDO5 Voltage Control Registers
INTERRUPT STATUS REGISTER (ISR) 8H'02
Bit
7
6
5
4
3
2
1
0
Designation
T100
T125
GPI2
GPI1
WUP3
WUP2
WUPT
WUPS
Reset Value
0
0
0
0
0
0
0
0
INTERRUPT STATUS REGISTER (ISR) 8H'02 DEFINITIONS
Bit
Access
Name
Description
7
—
—
Reserved
6
R
T125
Status bit for thermal warming PMIC T>125°C
0 = PMIC Temp. <125°C
1 = PMIC Temp. >125°C
5
R
GPI2
Status bit for the input read in from GPIO 2 when set as Input
0 = GPI2 Logic Low
1 = GPI2 Logic High
4
R
GPI1
Status bit for the input read in from GPIO 1 when set as Input
0 = GPI1 Logic Low
1 = GPI1 Logic High
3
R
WUP3
PWR_ON Pin Long Pulse Wake Up Status
0 = 1 No wake up event
1 = Long pulse wake up event
2
R
WUP2
PWR_ON Pin Short Pulse Wake Up Status
0 = No wake up event
1 = Short pulse wake up event
1
R
WUPT
TEST_JIG Pin Wake Up Status
0 = No wake up event
1 = Wake up event
0
R
WUPS
SPARE Pin Wake Up Status
0 = No wake up event
1 = Wake up event
SYSTEM CONTROL REGISTER 1 (SCR1) 8H'07
Bit
7
6
5
4
3
2
1
0
Designation
BPSEN
Reserved
SENDL**
FPWM3
FPWM2
FPWM1
ECEN
Reset Value
0
1
1**
0**
0
0
0
0
SYSTEM CONTROL REGISTER 1 (SCR1) 8H'07 DEFINITIONS
Bit
Access
Name
Description
7
R/W
BPSEN
Bypass System enable safety Lock. Prevents activation of PWR_EN when SYS_EN is low.
0 = PWR_EN “AND” with SYS_EN signal
1 = PWR_EN independent of SYS_EN
6
—
—
Reserved
24
Submit Documentation Feedback
Copyright © 2006–2008, Texas Instruments Incorporated
Product Folder Links: LP3971



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com