Electronic Components Datasheet Search
  English  ▼

X  

AS3709 Datasheet(PDF) 71 Page - ams AG

Part # AS3709
Description  關PMIC with 5 DCDC and 2 LDOs
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3709 Datasheet(HTML) 71 Page - ams AG

Back Button AS3709 Datasheet HTML 66Page - ams AG AS3709 Datasheet HTML 67Page - ams AG AS3709 Datasheet HTML 68Page - ams AG AS3709 Datasheet HTML 69Page - ams AG AS3709 Datasheet HTML 70Page - ams AG AS3709 Datasheet HTML 71Page - ams AG AS3709 Datasheet HTML 72Page - ams AG AS3709 Datasheet HTML 73Page - ams AG AS3709 Datasheet HTML 74Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 71 / 74 page
background image
ams Datasheet, Confidential: 2013-Aug [1-02]
AS3709 – 71
O r dering & C o ntac t I n f o r m a t ion
Figure 98:
Ordering Information
Note: On request.
Buy our products or get free samples online at:
www.ams.com/ICdirect
Technical Support is available at:
www.ams.com/Technical-Support
For further information and requests, e-mail us at:
ams_sales@ams.com
For sales offices, distributors and representatives, please visit:
www.ams.com/contact
Headquarters
ams AG
Tobelbaderstrasse 30
8141 Unterpremstaetten
Austria, Europe
Tel: +43 (0) 3136 500 0
Website: www.ams.com
Ordering
Code
Marking
Sequence
Description
Delivery
Form
Package
AS3709-
BQFR-ES
K2V0-ES
Sequence programmable on
request
μPMIC with 5
DCDC and 2 LDOs
Tray
32-pin
QFN 4x4
AS3709-
BQFM-00
K2V0-00
Default sequence
μPMIC with 5
DCDC and 2 LDOs
Tape & Reel
32-pin
QFN 4x4
AS3709-
BQFM-xx
K2V0-xx
Customer specified
sequence
μPMIC with 5
DCDC and 2 LDOs
Tape & Reel
32-pin
QFN 4x4
AS3709-
BWLR-ES
(Note:)
K2V0-ES
Sequence programmable on
request
μPMIC with 5
DCDC and 2 LDOs
Tray
36-pin
WL-CSP
0.4mm pitch
AS3709-
BWLT-xx
(Note:)
K2V0-xx
Customer specified
sequence
μPMIC with 5
DCDC and 2 LDOs
Tape & Reel
36-pin
WL-CSP
0.4mm pitch
Ordering & Contact Information



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com