Electronic Components Datasheet Search
  English  ▼

X  

AS3709 Datasheet(PDF) 15 Page - ams AG

Part # AS3709
Description  關PMIC with 5 DCDC and 2 LDOs
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3709 Datasheet(HTML) 15 Page - ams AG

Back Button AS3709 Datasheet HTML 11Page - ams AG AS3709 Datasheet HTML 12Page - ams AG AS3709 Datasheet HTML 13Page - ams AG AS3709 Datasheet HTML 14Page - ams AG AS3709 Datasheet HTML 15Page - ams AG AS3709 Datasheet HTML 16Page - ams AG AS3709 Datasheet HTML 17Page - ams AG AS3709 Datasheet HTML 18Page - ams AG AS3709 Datasheet HTML 19Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 74 page
background image
ams Datasheet, Confidential: 2013-Aug [1-02]
AS3709 – 15
Detaile d Desc ri p t ion - P o w e r M a nagemen t Fu nc tions
Parameters
Figure 16:
Step Down DCDC Converter Electrical Characteristics
Figure 17:
Step Down DCDC External Components
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VIN
Input Voltage
Pin VSUP
2.7
5.5
V
VOUT
Regulated Output Voltage
0.6125
3.35
V
VOUT_TOL
Output Voltage Tolerance
min. 40mV
-3
+3
%
ILIMIT
Current Limit
1.2
A
RPMOS
P-switch ON resistance
0.25
0.5
Ω
RNMOS
N-switch ON resistance
0.25
0.5
Ω
fSW
Switching Frequency
sdX_frequ = 1
sdX_fsel = 1
fclk_int = 4MHz
4MHz
sdX_frequ = 1
sdX_fsel = 0
fclk_int = 4MHz
3MHz
sdX_frequ = 0
sdX_fsel = 0
fclk_int = 4MHz
2MHz
ILOAD
Load Current
VOUT ≤ 1.8V
01
A
VOUT > 1.8V
00.7
ISUP_DCDC
Current Consumption
Operating Current
without Load
60
μA
Shutdown Current
0.1
tMIN_ON
Minimum ON Time
40
ns
ηEFF
Efficiency
See figures below
%
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
CFB_SDx
Output Capacitor
Ceramic X5R or X7R
8
10
μF
CVSUP_SDx
Input Capacitor
Ceramic X5R or X7R
2.2
μF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com