Electronic Components Datasheet Search
  English  ▼

X  

AS3709 Datasheet(PDF) 59 Page - ams AG

Part # AS3709
Description  關PMIC with 5 DCDC and 2 LDOs
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3709 Datasheet(HTML) 59 Page - ams AG

Back Button AS3709 Datasheet HTML 55Page - ams AG AS3709 Datasheet HTML 56Page - ams AG AS3709 Datasheet HTML 57Page - ams AG AS3709 Datasheet HTML 58Page - ams AG AS3709 Datasheet HTML 59Page - ams AG AS3709 Datasheet HTML 60Page - ams AG AS3709 Datasheet HTML 61Page - ams AG AS3709 Datasheet HTML 62Page - ams AG AS3709 Datasheet HTML 63Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 74 page
background image
ams Datasheet, Confidential: 2013-Aug [1-02]
AS3709 – 59
Reg i st er Description
Figure 78:
OvertemperatureControl Register (Address 37h)
Figure 79:
Reg_standby_mod1 Register (Address 39h)
Addr: 37h
OvertemperatureControl
Bit
Bit Name
Default
Access
Bit Description
7:4
-
'b0000
N/A
Do not use
3
rst_ov_temp_1
40
0RWP
If the over-temperature threshold 2 has been reached,
the flag ov_temp_140 is set and a reset cycle is started.
ov_temp_140
should be reset by writing 1 and afterward 0
to rst_ov_temp_140.
2
ov_temp_140
0
RO
Flag that the over-temperature threshold 2 (T140) has
been reached - this flag is not reset by an
over-temperature caused reset and has to be reset by
rst_ov_temp_140.
1
ov_temp_110
0
RO
Flag that the over-temperature threshold 1 (T110) has
been reached
0
temp_pmc_on
1
RO
Switch on / off the temperature supervision; default:
on - all other bits are only valid if set to 1 leave at 1, do
not disable
Addr: 39h
Reg_standby_mod1
Bit
Bit Name
Default
Access
Bit Description
7
disable_regpd
0
RW
This bit disables the pulldown of all regulators
  0 : Normal operation approx. 1kΩ pulldown of all
regulators
  1 : Pulldown disabled >100kΩ of all regulators
6ldo2_stby_on
0
RW
Enable LDO2 in standby mode
5ldo1_stby_on
0
RW
Enable LDO1 in standby mode
4
sd5_stby_on
0
RW
Enable Step down 4 in standby mode
3
sd4_stby_on
0
RW
Enable Step down 4 in standby mode
2
sd3_stby_on
0
RW
Enable Step down 3 in standby mode
1
sd2_stby_on
0
RW
Enable Step down 2 in standby mode
0
sd1_stby_on
0
RW
Enable Step down 1 in standby mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com