Electronic Components Datasheet Search
  English  ▼

X  

AS3709 Datasheet(PDF) 12 Page - ams AG

Part # AS3709
Description  關PMIC with 5 DCDC and 2 LDOs
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3709 Datasheet(HTML) 12 Page - ams AG

Back Button AS3709 Datasheet HTML 8Page - ams AG AS3709 Datasheet HTML 9Page - ams AG AS3709 Datasheet HTML 10Page - ams AG AS3709 Datasheet HTML 11Page - ams AG AS3709 Datasheet HTML 12Page - ams AG AS3709 Datasheet HTML 13Page - ams AG AS3709 Datasheet HTML 14Page - ams AG AS3709 Datasheet HTML 15Page - ams AG AS3709 Datasheet HTML 16Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 74 page
background image
AS3709 – 12
ams Datasheet, Confidential: 2013-Aug [1-02]
D e t a i l ed D e scr i pt io n - P o w e r M a na ge me nt F u n c ti o n s
Fast Regulation Mode
This mode can be used to react faster on sudden load changes
and thus minimize the over-/undershoot of the output voltage.
This mode needs a 22uF output capacitor instead the 10uF one
to guarantee the stability of the regulator.
The mode is enabled by setting sd_fast =1.
Selectable Frequency Operation
Especially for very low load conditions, e.g. during a sleep mode
of a processor, the switching frequency can be reduced to
achieve a higher efficiency. The frequency can be set to 2, 3 or
4MHz and this mode is selected by setting sd_freq and sd_fsel
to the appropriate values.
100% PMOS ON Mode for Low Dropout Regulation
For low input to output voltage difference the DCDC converter
can use 100% duty cycle for the PMOS transistor, which is then
in LDO mode.
Step Down Converter Configuration Modes
The step down dc/dc converters have two configuration modes
to deliver different output currents for the applications. The
operating mode is selected by setting the bit sd2_slave,
sd4_slave and sd5_slave (the default is set by the Boot-OTP).
Figure 11:
DCDC Step Down Normal Operating Mode
Normal Operating Mode: sd2_slave = 0, sd4_slave = 0, sd5_slave = 0
DCDC
Step Down 3
VSUP_SD3
LX_SD3
FB_SD3
PVSS_SD3
2.2uF
1uH
10uF
VSUP
DCDC
Step Down 4
VSUP_SD4
LX_SD4
FB_SD4
PVSS_SD4
2.2uF
1uH
10uF
VSUP
DCDC
Step Down 5
VSUP_SD5
LX_SD5
FB_SD5
PVSS_SD5
2.2uF
1uH
10uF
VSUP
DCDC
Step Down 1
VSUP_SD1
LX_SD1
FB_SD1
PVSS_SD1
VSUP
10uF
2.2uF
SD1
0.6 – 3.3V
0.7 – 1A
1uH
DCDC
Step Down 2
VSUP_SD2
LX_SD2
FB_SD2
PVSS_SD2
VSUP
10uF
2.2uF
1uH
5 x 1A
SD2
0.6 – 3.3V
0.7 – 1A
SD3
0.6 – 3.3V
0.7 – 1A
SD4
0.6 – 3.3V
0.7 – 1A
SD5
0.6 – 3.3V
0.7 – 1A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com