Electronic Components Datasheet Search
  English  ▼

X  

AS3709 Datasheet(PDF) 10 Page - ams AG

Part # AS3709
Description  關PMIC with 5 DCDC and 2 LDOs
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3709 Datasheet(HTML) 10 Page - ams AG

Back Button AS3709 Datasheet HTML 6Page - ams AG AS3709 Datasheet HTML 7Page - ams AG AS3709 Datasheet HTML 8Page - ams AG AS3709 Datasheet HTML 9Page - ams AG AS3709 Datasheet HTML 10Page - ams AG AS3709 Datasheet HTML 11Page - ams AG AS3709 Datasheet HTML 12Page - ams AG AS3709 Datasheet HTML 13Page - ams AG AS3709 Datasheet HTML 14Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 74 page
background image
AS3709 – 10
ams Datasheet, Confidential: 2013-Aug [1-02]
D e t a i l ed D e scr i pt io n - P o w e r M a na ge me nt F u n c ti o n s
Mode Settings
To allow optimized performance in different applications, there
are bit settings possible, to get the best compromise between
high efficiency and low input/output ripple.
Low-Ripple, Low-Noise Operation
Low-ripple, low-noise operation can be enabled by setting bit
sd_low_noise = 1.
In this mode there is no minimum coil current necessary before
switching OFF the PMOS. As long as the load current is superior
to the ripple current, the device operates in continuous mode.
When the load current gets lower, the discontinuous mode is
triggered. Resultant the auto-zero comparator stops the NMOS
conduction to avoid load discharger and the duty cycle is
reduced down to tMIN_ON to keep the regulation loop stable.
This results in a very low ripple and noise, but decreased
efficiency at light loads, especially at low input to output
voltage differences.
Only in the case the load current gets so small, that less than
the minimum on time of the PMOS would be needed to keep
the loop in regulation, the regulator will enter low power mode
operation.
The crossover point is about 15mA for VIN = 3V, VOUT = 1.2V,
1μH, 4MHz.
Figure 9:
DC/DC Buck Low Noise Mode
High-Efficiency Operation (Default Setting)
High-efficiency operation is enabled by setting bit
sd_low_noise = 0.
In this mode there is a minimum coil current necessary before
switching OFF the PMOS. Resultant there are less pulses
DC/DC buck burst mode: Shows the
DC/DC switching waveforms for low
noise operation.
VOUT (50mV/div)
LX (2V/div)
coil current (200mA/div)
time (5us/div)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com