Electronic Components Datasheet Search
  English  ▼

X  

AS3709 Datasheet(PDF) 43 Page - ams AG

Part # AS3709
Description  關PMIC with 5 DCDC and 2 LDOs
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3709 Datasheet(HTML) 43 Page - ams AG

Back Button AS3709 Datasheet HTML 39Page - ams AG AS3709 Datasheet HTML 40Page - ams AG AS3709 Datasheet HTML 41Page - ams AG AS3709 Datasheet HTML 42Page - ams AG AS3709 Datasheet HTML 43Page - ams AG AS3709 Datasheet HTML 44Page - ams AG AS3709 Datasheet HTML 45Page - ams AG AS3709 Datasheet HTML 46Page - ams AG AS3709 Datasheet HTML 47Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 74 page
background image
ams Datasheet, Confidential: 2013-Aug [1-02]
AS3709 – 43
Reg i st er Description
Figure 55:
SD3Voltage Register (Address 02h)
Figure 56:
SD4Voltage Register (Address 03h)
Addr: 02h
SD3Voltage
Bit
Bit Name
Default
Access
Bit Description
7
sd3_frequ
0
RW
Selects between high and low frequency dependent
on sd3_fsel
0 : 2MHz if sd3_fsel=0, 3MHz if sd3_fsel=1
1 : 3MHz if sd3_fsel=0, 4MHz if sd3_fsel=1
6:0
sd3_vsel
'b000
0000
RW
The voltage select bits set the SD3 output voltage
level and power the SD3 converter down.
00h : SD3 powered down
01h-40h : V_SD3=0.6V+sd3_vsel*12.5mV
41h-70h : V_SD3=1.4V+(sd3_vsel-40h)*25mV
71h-7Fh : V_SD3=2.6V+(sd3_vsel-70h)*50mV
Addr: 03h
SD4Voltage
Bit
Bit Name
Default
Access
Bit Description
7
sd4_frequ
0
RW
Selects between high and low frequency dependent
on sd4_fsel
0 : 2MHz if sd3_fsel=0, 3MHz if sd3_fsel=1
1 : 3MHz if sd3_fsel=0, 4MHz if sd3_fsel=1
6:0
sd4_vsel
'b000
0000
RW
The voltage select bits set the SD4 output voltage
level and power the SD4 converter down.
00h : SD4 powered down
01h-40h : V_SD4=0.6V+sd4_vsel*12.5mV
41h-70h : V_SD4=1.4V+(sd4_vsel-40h)*25mV
71h-7Fh : V_SD4=2.6V+(sd4_vsel-70h)*50mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com