Electronic Components Datasheet Search
  English  ▼

X  

AS3709 Datasheet(PDF) 31 Page - ams AG

Part # AS3709
Description  關PMIC with 5 DCDC and 2 LDOs
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3709 Datasheet(HTML) 31 Page - ams AG

Back Button AS3709 Datasheet HTML 27Page - ams AG AS3709 Datasheet HTML 28Page - ams AG AS3709 Datasheet HTML 29Page - ams AG AS3709 Datasheet HTML 30Page - ams AG AS3709 Datasheet HTML 31Page - ams AG AS3709 Datasheet HTML 32Page - ams AG AS3709 Datasheet HTML 33Page - ams AG AS3709 Datasheet HTML 34Page - ams AG AS3709 Datasheet HTML 35Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 74 page
background image
ams Datasheet, Confidential: 2013-Aug [1-02]
AS3709 – 31
Detaile d Desc rip t ion - S y st em Fu nc tions
Figure 41:
GPIO Pin Characteristics
GPIO Pins: Shows the key electrical parameter of the GPIO pins. VSUP=2.7 to 5.5V; unless otherwise mentioned.
IO Functions
Normal IO Operation:
If set to input, the logic level of the signal present at the GPIOx
pin can be read from gpioX_in. If the output mode is chosen,
gpioX_out specifies the logic level of the GPIOx pin.
This mode is also used for the on/off control of the DCDC and
LDOs. The selection which regulator is controlled by which
GPIO, is done with the gpio_ctrl_sdX or gpio_ctrl_ldoX bits. The
gpioX_mode should be set to input.
Interrupt Output
GPIOx pin logic state is derived from the interrupt signal XINT.
Whenever an interrupt is present the GPIOx pin will be pulled
high.
The gpioX_mode should be set to output.
VSUP_low Output
GPIOx pin will go high if VSUP falls below ResVoltFall and
SupResEn = 0.
The gpioX_mode should be set to output.
GPIO Interrupt Input
A falling or rising edge will set the gpio_int bit.
The gpioX_mode should be set to input.
Symbol
Parameter
Note
Min
Typ
Max
Unit
VGPIO_max
Max. voltage on GPIO1/2
pins
Pin VSUP is used as supply for
the GPIO pins
VSUP +
0.3
V
VOL
Low level output voltage
IOL=+1mA
digital output
+0.4
V
VOH
High level output voltage
IOH=–1mA; digital push-pull
output
0.8*VSUP
V
VIL
Low level input voltage
Digital input
0.4
V
VIH
High level input voltage
Digital input
1.4
V
ILEAKAGE
Leakage current
High impedance
10
μA
Rpull-up
Pull-up resistance
if enabled; VSUP = 3.6V
300
kΩ
Rpull-down
Pull-down resistance
if enabled; VSUP = 3.6V
300
kΩ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com