Electronic Components Datasheet Search
  English  ▼

X  

AS3709 Datasheet(PDF) 6 Page - ams AG

Part # AS3709
Description  關PMIC with 5 DCDC and 2 LDOs
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3709 Datasheet(HTML) 6 Page - ams AG

Back Button AS3709 Datasheet HTML 2Page - ams AG AS3709 Datasheet HTML 3Page - ams AG AS3709 Datasheet HTML 4Page - ams AG AS3709 Datasheet HTML 5Page - ams AG AS3709 Datasheet HTML 6Page - ams AG AS3709 Datasheet HTML 7Page - ams AG AS3709 Datasheet HTML 8Page - ams AG AS3709 Datasheet HTML 9Page - ams AG AS3709 Datasheet HTML 10Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 74 page
background image
AS3709 – 6
ams Datasheet, Confidential: 2013-Aug [1-02]
Abs o lute M a ximum R a ting s
Stresses beyond those listed under “Absolute Maximum
Ratings” may cause permanent damage to the device. These are
stress ratings only. Functional operation of the device at these
or any other conditions beyond those indicated under
“Operating Conditions” is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
Figure 6:
Absolute Maximum Ratings
Symbol
Parameter
Min
Max
Units
Comments
Electrical Parameters
Supply Voltage to Ground 5V
pins
-0.5
7.0
V
Applicable for pins:
VSUP_SDx, VIN_LDOx, SCLK, SDA,
ON, XRES, GPIOx, LX_SDx
Supply Voltage to Ground 3V
pins
-0.5
5.0
V
Applicable for pins:
V2_5, LDOx, FB_SDx
Voltage Difference between
Ground Terminals
-0.3
0.3
V
Applicable for pins:
VSSA, PVSS_SDx, Exposed Pad
Input Current
(latch-up immunity)
-100
100
mA
Norm: JEDEC JESD78
Continuous Power Dissipation (TA = +70°C)
PT
Continuous power dissipation
1.2
W
PT
(1) for QFN32 package
(RTHJA ~ 45K/W)
1.1
W
PT
(1) for WL-CSP36 package
(RTHJA ~ 50K/W)
Electrostatic Discharge
VESD-HBM
Electrostatic Discharge HBM
±2
kV
Norm: JEDEC JESD22-A114F
Temperature Ranges and Storage Conditions
TAMB
Operating Temperature
-40
+85
°C
TJ
Junction Temperature
+125
°C
Storage Temperature Range
-55
+150
°C
QFN
Storage Temperature Range
-55
+125
°C
WL-CSP
Humidity non-condensing
85
%
Absolute Maximum Ratings



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com