Electronic Components Datasheet Search
  English  ▼

X  

AS3709 Datasheet(PDF) 9 Page - ams AG

Part # AS3709
Description  關PMIC with 5 DCDC and 2 LDOs
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3709 Datasheet(HTML) 9 Page - ams AG

Back Button AS3709 Datasheet HTML 5Page - ams AG AS3709 Datasheet HTML 6Page - ams AG AS3709 Datasheet HTML 7Page - ams AG AS3709 Datasheet HTML 8Page - ams AG AS3709 Datasheet HTML 9Page - ams AG AS3709 Datasheet HTML 10Page - ams AG AS3709 Datasheet HTML 11Page - ams AG AS3709 Datasheet HTML 12Page - ams AG AS3709 Datasheet HTML 13Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 74 page
background image
ams Datasheet, Confidential: 2013-Aug [1-02]
AS3709 – 9
Detaile d Desc ri p t ion - P o w e r M a nagemen t Fu nc tions
Step Down DCDC Converter
The step-down converter is a high-efficiency fixed frequency
current mode regulator. By using low resistance internal PMOS
and NMOS switches, efficiency up to 95% can be achieved. The
fast switching frequency allows using small inductors, without
increasing the current ripple. The unique feedback and
regulation circuit guarantees optimum load and line regulation
over the whole output voltage range, up to an output current
of 1A, with an output capacitor of only 10μF. The implemented
current limitation protects the DCDC Converter and the coil
during overload condition.
Figure 8:
Step Down DC/DC Converter Block Diagram
Detailed Description -
Power Management Functions
Logic
+
S
IMIN
ILIMIT
250mA
1.2A
ISENSEP
ISENSEN
Zero
Comparator
PWM
Comparator
Overvoltage
Comparator
Ref + 8%
Ref - 5%
Slope
Compensation
Softstart
Ref = 0.6V
Skip
Sd_low_noise
Clk
Sd_lv
buck_v
FB_SD
VSS_SD
LX_SD
VOUT
VSUP
2.2uF
1uH
10uF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com