Electronic Components Datasheet Search
  English  ▼

X  

AS3709 Datasheet(PDF) 27 Page - ams AG

Part # AS3709
Description  關PMIC with 5 DCDC and 2 LDOs
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3709 Datasheet(HTML) 27 Page - ams AG

Back Button AS3709 Datasheet HTML 23Page - ams AG AS3709 Datasheet HTML 24Page - ams AG AS3709 Datasheet HTML 25Page - ams AG AS3709 Datasheet HTML 26Page - ams AG AS3709 Datasheet HTML 27Page - ams AG AS3709 Datasheet HTML 28Page - ams AG AS3709 Datasheet HTML 29Page - ams AG AS3709 Datasheet HTML 30Page - ams AG AS3709 Datasheet HTML 31Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 74 page
background image
ams Datasheet, Confidential: 2013-Aug [1-02]
AS3709 – 27
Detaile d Desc rip t ion - S y st em Fu nc tions
Software Forced Reset
Writing ‘1’ into the register bit force_reset immediately starts a
reset cycle. The bit force_reset is automatically cleared by this
reset.
External Triggered Reset
If the pin XRES is pulled from high to low by an external source
(e.g. microprocessor or button) a reset cycle is started as well.
Over-temperature Reset
The reset cycle can be started by over-temperature conditions.
Long ON-key Press
When applying a high level on the ON input pin for 4s/8s
(depending on on_reset_delay) a reset is initiated. This is
thought as a safety feature when the SW hangs up.
Parameter
Figure 35:
XRES Input Characteristics
Figure 36:
RESET Levels
Symbol
Parameter
Note
Min
Typ
Max
Unit
VXRES_IL
RESET Low Level Voltage
0.4
V
VXRES_IH
RESET High Level Voltage
1.4
V
Symbol
Parameter
Note
Min
Typ
Max
Uni
t
VPOR
Overall Power On Reset
Monitor voltage on
V2_5
power on reset for
all internal functions
1.5
2.0
2.3
V
VRES_RISE
RESET Level for VSUP rising
Monitor voltage on
VSUP rising level
ResVoltRise (1)
V
VRES_FALL
RESET Level for VSUP
falling
Monitor voltage on
VSUP falling level
2.7
V
if SupResEn = 1 only
ResVoltFall (2)
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com