Electronic Components Datasheet Search
  English  ▼

X  

AS3709 Datasheet(PDF) 58 Page - ams AG

Part # AS3709
Description  關PMIC with 5 DCDC and 2 LDOs
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3709 Datasheet(HTML) 58 Page - ams AG

Back Button AS3709 Datasheet HTML 54Page - ams AG AS3709 Datasheet HTML 55Page - ams AG AS3709 Datasheet HTML 56Page - ams AG AS3709 Datasheet HTML 57Page - ams AG AS3709 Datasheet HTML 58Page - ams AG AS3709 Datasheet HTML 59Page - ams AG AS3709 Datasheet HTML 60Page - ams AG AS3709 Datasheet HTML 61Page - ams AG AS3709 Datasheet HTML 62Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 74 page
background image
AS3709 – 58
ams Datasheet, Confidential: 2013-Aug [1-02]
Re g i st e r De sc rip t ion
Figure 77:
ResetControl Register (Address 36h)
Addr: 36h
ResetControl
Bit
Bit Name
Default
Access
Bit Description
7
onkey_reset
0
RW
  0 : Reset after 4/8 seconds ON pressed disabled
  1 : Reset after 4/8 seconds ON pressed enabled
6:3
reset_reason
'b0000
RW
Flags to indicate to the software the reason for the last reset
  .0 : VPOR has been reached (VSUP connection from scratch)
  .1 : ResVoltFall was reached (VSUP drop below 2.75V)
  .2 : Software forced by force_reset
  .3 : Software forced by power_off and ON was pulled high
  .4 : Software forced by power_off and charger was detected
  .5 : External triggered through the pin XRES
  .6 : Reset caused by overtemperature T140
  .7 : NA
  .8 : Reset caused by 4/8 seconds ON press
  .9 : NA
  10 : NA
  11 : Reset caused by interrupt in standby mode
  12 : Reset caused by ON pulled high in standby mode
2
on_input
0
R_PUSH
Read: This flag represents the state of the ON pad directly
Write: Setting to 1 resets the 4/8 sec. onkey_reset timer
1
power_off
0
RW
Setting to 1 starts a reset cycle, but waits after the Reg_off
state for a falling edge on the pin ON
0
force_reset
0
RW
Setting to 1 starts a complete reset cycle



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com