Electronic Components Datasheet Search
  English  ▼

X  

ARM920T Datasheet(PDF) 29 Page - ATMEL Corporation

Part # ARM920T
Description  Technical Reference Manual
PDF  350 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ARM920T Datasheet(HTML) 29 Page - ATMEL Corporation

Back Button ARM920T Datasheet HTML 25Page - ATMEL Corporation ARM920T Datasheet HTML 26Page - ATMEL Corporation ARM920T Datasheet HTML 27Page - ATMEL Corporation ARM920T Datasheet HTML 28Page - ATMEL Corporation ARM920T Datasheet HTML 29Page - ATMEL Corporation ARM920T Datasheet HTML 30Page - ATMEL Corporation ARM920T Datasheet HTML 31Page - ATMEL Corporation ARM920T Datasheet HTML 32Page - ATMEL Corporation ARM920T Datasheet HTML 33Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 350 page
background image
Programmer’s Model
ARM DDI 0151C
Copyright © 2000, 2001 ARM Limited. All rights reserved.
2-3
2.2
About the ARM9TDMI programmer’s model
The ARM9TDMI processor core implements ARM architecture v4T, and executes the
ARM 32-bit instruction set and the compressed Thumb 16-bit instruction set. The
programmer’s model is fully described in the ARM Architecture Reference Manual. The
ARM9TDMI Technical Reference Manual gives implementation details, including
instruction execution cycle times.
ARMv4T specifies a small number of implementation options. The options selected in
the ARM9TDMI implementation are listed in Table 2-1. For comparison, the options
selected for the ARM7TDMI implementation are also shown.
The ARM9TDMI is code-compatible with the ARM7TDMI, with two exceptions:
•
The ARM9TDMI core implements the base restored Data Abort model. This
significantly simplifies the software Data Abort handler.
•
The ARM9TDMI fully implements the instruction set extension spaces added to
the ARM (32-bit) instruction set in ARMv4 and ARMv4T.
These differences are explained in more detail in the following sections:
•
Data Abort model on page 2-3
•
Instruction set extension spaces on page 2-4.
2.2.1
Data Abort model
The base restored Data Abort model differs from the base updated Data Abort model
implemented by ARM7TDMI.
The difference in the Data Abort models affects only a very small section of operating
system code, the Data Abort handler. It does not affect user code. With the base restored
Data Abort model, when a Data Abort exception occurs during the execution of a
memory access instruction, the base register is always restored by the processor
hardware to the value the register contained before the instruction was executed. This
removes the requirement for the Data Abort handler to unwind any base register update
that might have been specified by the aborted instruction.
Table 2-1 ARM9TDMI implementation options
Processor
core
Architecture
Data Abort
model
Value stored by direct STR,
STRT, and STM of PC
ARM7TDMI
ARMv4T
Base updated
Address of instruction + 12
ARM9TDMI
ARMv4T
Base restored
Address of instruction + 12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com