Electronic Components Datasheet Search
  English  ▼

X  

ARM920T Datasheet(PDF) 33 Page - ATMEL Corporation

Part # ARM920T
Description  Technical Reference Manual
PDF  350 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ARM920T Datasheet(HTML) 33 Page - ATMEL Corporation

Back Button ARM920T Datasheet HTML 29Page - ATMEL Corporation ARM920T Datasheet HTML 30Page - ATMEL Corporation ARM920T Datasheet HTML 31Page - ATMEL Corporation ARM920T Datasheet HTML 32Page - ATMEL Corporation ARM920T Datasheet HTML 33Page - ATMEL Corporation ARM920T Datasheet HTML 34Page - ATMEL Corporation ARM920T Datasheet HTML 35Page - ATMEL Corporation ARM920T Datasheet HTML 36Page - ATMEL Corporation ARM920T Datasheet HTML 37Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 350 page
background image
Programmer’s Model
ARM DDI 0151C
Copyright © 2000, 2001 ARM Limited. All rights reserved.
2-7
In all cases, reading from, or writing any data values to any CP15 registers, including
those fields specified as unpredictable or should be zero, does not cause any permanent
damage.
All CP15 register bits that are defined and contain state, are set to zero by BnRES
except the V bit in register 1, which takes the value of macrocell input VINITHI when
BnRES is asserted.
You can only access CP15 registers with MRC and MCR instructions in a privileged mode.
The instruction bit pattern of the MCR and MRC instructions is shown in Figure 2-1. The
assembler for these instructions is:
MCR/MRC{cond} P15,opcode_1,Rd,CRn,CRm,opcode_2
Figure 2-1 CP15 MRC and MCR bit pattern
Instructions CDP, LDC, and STC, together with unprivileged MRC and MCR instructions to
CP15, cause the undefined instruction trap to be taken. The CRn field of MRC and MCR
instructions specifies the coprocessor register to access. The CRm field and opcode_2
fields specify a particular action when addressing registers. The L bit distinguishes
between an MRC (L=1) and an MCR (L=0).
Note
Attempting to read from a nonreadable register, or to write to a nonwritable register
causes unpredictable results.
The opcode_1, opcode_2, and CRm fields should be zero, except when the values specified
are used to select the desired operations, in all instructions that access CP15. Using
other values results in unpredictable behavior.
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9876543210
1110
1111
1
CRm
opcode_2
Rd
CRn
L
opcode_1
Cond



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com