Electronic Components Datasheet Search
  English  ▼

X  

ARM920T Datasheet(PDF) 63 Page - ATMEL Corporation

Part # ARM920T
Description  Technical Reference Manual
PDF  350 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ARM920T Datasheet(HTML) 63 Page - ATMEL Corporation

Back Button ARM920T Datasheet HTML 59Page - ATMEL Corporation ARM920T Datasheet HTML 60Page - ATMEL Corporation ARM920T Datasheet HTML 61Page - ATMEL Corporation ARM920T Datasheet HTML 62Page - ATMEL Corporation ARM920T Datasheet HTML 63Page - ATMEL Corporation ARM920T Datasheet HTML 64Page - ATMEL Corporation ARM920T Datasheet HTML 65Page - ATMEL Corporation ARM920T Datasheet HTML 66Page - ATMEL Corporation ARM920T Datasheet HTML 67Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 350 page
background image
Memory Management Unit
ARM DDI 0151C
Copyright © 2000, 2001 ARM Limited. All rights reserved.
3-11
Section descriptor bit assignments are described in Table 3-4.
3.3.5
Coarse page table descriptor
A coarse page table descriptor provides the base address of a page table that contains
level two descriptors for either large page or small page accesses. Coarse page tables
have 256 entries, splitting the 1MB that the table describes into 4KB blocks. Figure 3-6
shows the format of a coarse page table descriptor.
Figure 3-6 Coarse page table descriptor
Note
If a coarse page table descriptor is returned from the level one fetch, a level two fetch is
initiated.
Table 3-4 Section descriptor bits
Bits
Description
31:20
Form the corresponding bits of the physical address for a section
19:12
Always written as 0
11:10
(AP) Specify the access permissions for this section
9
Always written as 0
8:5
Specify one of the 16 possible domains (held in the domain access control register)
that contain the primary access controls
4
Should be written as 1, for backward compatibility
3:2
These bits (C and B) indicate whether the area of memory mapped by this section is
treated as write-back cachable, write-through cachable, noncached buffered, or
noncached nonbuffered
1:0
These bits must be 10 to indicate a section descriptor
31
10 98
543210
Coarse page table base address
Domain
1
0 1
SBZ
SBZ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com