Electronic Components Datasheet Search
  English  ▼

X  

ARM920T Datasheet(PDF) 49 Page - ATMEL Corporation

Part # ARM920T
Description  Technical Reference Manual
PDF  350 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ARM920T Datasheet(HTML) 49 Page - ATMEL Corporation

Back Button ARM920T Datasheet HTML 45Page - ATMEL Corporation ARM920T Datasheet HTML 46Page - ATMEL Corporation ARM920T Datasheet HTML 47Page - ATMEL Corporation ARM920T Datasheet HTML 48Page - ATMEL Corporation ARM920T Datasheet HTML 49Page - ATMEL Corporation ARM920T Datasheet HTML 50Page - ATMEL Corporation ARM920T Datasheet HTML 51Page - ATMEL Corporation ARM920T Datasheet HTML 52Page - ATMEL Corporation ARM920T Datasheet HTML 53Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 350 page
background image
Programmer’s Model
ARM DDI 0151C
Copyright © 2000, 2001 ARM Limited. All rights reserved.
2-23
Table 2-19 shows the instructions you can use to access the TLB lockdown register.
Figure 2-8 shows the format of bits in register 10.
Figure 2-8 Register 10
The entries in the TLBs are replaced using a round-robin replacement policy. This is
implemented using a victim counter that counts from entry 0 up to 63, and then wraps
back round to the base value and continues counting, wrapping around to the base value
from 63 each time.
There are two mechanisms available for ensuring entries are not removed from the TLB:
•
Locking an entry down prevents it from being selected for overwriting during a
table walk. You can do this by programming the base value to which the victim
counter reloads. For example, if the bottom 3 entries (0–2) are to be locked down,
you must program the base counter to 3.
•
You can preserve an entry during an Invalidate All instruction. You can do this
by ensuring the P bit is set when the entry is loaded into the TLB. Examples that
show how you can load a single entry into the I and D TLBs at location 0, make
it immune to Invalidate All, and lock it down are shown in Example 2-3 on
page 2-24 and Example 2-4 on page 2-24.
Table 2-19 Accessing the TLB lockdown register 10
Function
Data
Instruction
Read D TLB lockdown
TLB lockdown
MRC p15,0,Rd,c10,c0,0
Write D TLB lockdown
TLB lockdown
MCR p15,0,Rd,c10,c0,0
Read I TLB lockdown
TLB lockdown
MRC p15,0,Rd,c10,c0,1
Write I TLB lockdown
TLB lockdown
MCR p15,0,Rd,c10,c0,1
31
26 25
20 19
1 0
Base
SBZ/UNP
P
Victim



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com