Electronic Components Datasheet Search
  English  ▼

X  

ARM920T Datasheet(PDF) 48 Page - ATMEL Corporation

Part # ARM920T
Description  Technical Reference Manual
PDF  350 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ARM920T Datasheet(HTML) 48 Page - ATMEL Corporation

Back Button ARM920T Datasheet HTML 44Page - ATMEL Corporation ARM920T Datasheet HTML 45Page - ATMEL Corporation ARM920T Datasheet HTML 46Page - ATMEL Corporation ARM920T Datasheet HTML 47Page - ATMEL Corporation ARM920T Datasheet HTML 48Page - ATMEL Corporation ARM920T Datasheet HTML 49Page - ATMEL Corporation ARM920T Datasheet HTML 50Page - ATMEL Corporation ARM920T Datasheet HTML 51Page - ATMEL Corporation ARM920T Datasheet HTML 52Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 350 page
background image
Programmer’s Model
2-22
Copyright © 2000, 2001 ARM Limited. All rights reserved.
ARM DDI 0151C
Note
Writing CP15 register 9, with the CRm field set to b0001, updates the current victim
pointer only for the specified segment. Bits [31:26] specify the victim. Bits [7:5] specify
the segment (for a 16KB cache). All other bits should be zero. This encoding is intended
for debug use. You are not recommended to use this encoding.
Figure 2-7 shows the format of bits in register 9.
Figure 2-7 Register 9
Table 2-18 shows the instructions you can use to access the cache lockdown register.
2.3.14
Register 10, TLB lockdown register
Register 10 is the TLB lockdown register. The TLB lockdown register is 0x0 on reset.
There is a TLB lockdown register for each of the TLBs, the value of opcode_2
determines which TLB register to access:
•
opcode_2 = 0x0
accesses the D TLB register
•
opcode_2 = 0x1
accesses the I TLB register.
Reading CP15 register 10 returns the value of the TLB lockdown counter base register,
the current victim number, and the preserve bit (P bit). Bits [19:1] are unpredictable
when read.
Writing CP15 register 10 updates the TLB lockdown counter base register, the current
victim pointer, and the state of the preserve bit. Bits [19:1] should be zero when written.
31
26 25
0
Index
UNP/SBZ
Table 2-18 Accessing the cache lockdown register 9
Function
Data
Instruction
Read DCache lockdown base
Base
MRC p15,0,Rd,c9,c0,0
Write DCache victim and lockdown base
Victim=Base
MCR p15,0,Rd,c9,c0,0
Read ICache lockdown base
Base
MRC p15,0,Rd,c9,c0,1
Write ICache victim and lockdown base
Victim=Base
MCR p15,0,Rd,c9,c0,1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com