Electronic Components Datasheet Search
  English  ▼

X  

ARM920T Datasheet(PDF) 32 Page - ATMEL Corporation

Part # ARM920T
Description  Technical Reference Manual
PDF  350 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ARM920T Datasheet(HTML) 32 Page - ATMEL Corporation

Back Button ARM920T Datasheet HTML 28Page - ATMEL Corporation ARM920T Datasheet HTML 29Page - ATMEL Corporation ARM920T Datasheet HTML 30Page - ATMEL Corporation ARM920T Datasheet HTML 31Page - ATMEL Corporation ARM920T Datasheet HTML 32Page - ATMEL Corporation ARM920T Datasheet HTML 33Page - ATMEL Corporation ARM920T Datasheet HTML 34Page - ATMEL Corporation ARM920T Datasheet HTML 35Page - ATMEL Corporation ARM920T Datasheet HTML 36Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 350 page
background image
Programmer’s Model
2-6
Copyright © 2000, 2001 ARM Limited. All rights reserved.
ARM DDI 0151C
2.3.1
Addresses in ARM920T
Three distinct types of address exist in an ARM920T system:
•
Virtual Address (VA)
•
Modified Virtual Address (MVA)
•
Physical Address (PA).
Below is an example of the address manipulation when the ARM9TDMI core requests
an instruction (see Figure 2-10 on page 2-25).
1.
The Instruction VA (IVA) is issued by the ARM9TDMI core.
2.
This is translated by the ProcID to the Instruction MVA (IMVA). It is the IMVA
that the Instruction Cache (ICache) and MMU see.
3.
If the protection check carried out by the IMMU on the IMVA does not abort, and
the IMVA tag is in the ICache, the instruction data is returned to the ARM9TDMI
core.
4.
If the ICache misses (the IMVA tag is not in the ICache), then the IMMU
performs a translation to produce the Instruction PA (IPA). This address is given
to the AMBA bus interface to perform an external access.
2.3.2
Accessing CP15 registers
The terms and abbreviations shown in Table 2-4 are used throughout this section.
Table 2-3 Address types in ARM920T
Domain
ARM9TDMI
Caches and TLBs
AMBA bus
Address
Virtual (VA)
Modified Virtual (MVA)
Physical (PA)
Table 2-4 CP15 abbreviations
Term
Abbreviation
Description
Unpredictable
UNP
For reads, the data returned when reading from this
location is unpredictable. It can have any value.
For writes, writing to this location causes unpredictable
behavior, or an unpredictable change in device
configuration.
Should be zero
SBZ
When writing to this location, all bits of this field should
be 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com