Electronic Components Datasheet Search
  English  ▼

X  

ARM920T Datasheet(PDF) 45 Page - ATMEL Corporation

Part # ARM920T
Description  Technical Reference Manual
PDF  350 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ARM920T Datasheet(HTML) 45 Page - ATMEL Corporation

Back Button ARM920T Datasheet HTML 41Page - ATMEL Corporation ARM920T Datasheet HTML 42Page - ATMEL Corporation ARM920T Datasheet HTML 43Page - ATMEL Corporation ARM920T Datasheet HTML 44Page - ATMEL Corporation ARM920T Datasheet HTML 45Page - ATMEL Corporation ARM920T Datasheet HTML 46Page - ATMEL Corporation ARM920T Datasheet HTML 47Page - ATMEL Corporation ARM920T Datasheet HTML 48Page - ATMEL Corporation ARM920T Datasheet HTML 49Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 350 page
background image
Programmer’s Model
ARM DDI 0151C
Copyright © 2000, 2001 ARM Limited. All rights reserved.
2-19
The operations that you can carry out on a single cache line identify the line using the
data passed in the MCR instruction. The data is interpreted using one of the formats shown
in Figure 2-4 or Figure 2-5.
Figure 2-4 Register 7 MVA format
Figure 2-5 Register 7 index format
The use of register 7 is described in Chapter 4 Caches, Write Buffer, and Physical
Address TAG (PA TAG) RAM.
2.3.12
Register 8, TLB operations register
Register 8 is a write-only register used to manage the Translation Lookaside Buffers
(TLBs), the instruction TLB, and the data TLB.
Five TLB operations are defined and you can select the function to be performed with
the opcode_2 and CRm fields in the MCR instruction used to write CP15 register 8. Writing
other opcode_2 or CRm values is unpredictable. Reading from CP15 register 8 is
unpredictable.
Table 2-17 shows instructions that you can use to perform TLB operations using
register 8.
31
54
0
Modified virtual address
SBZ
31
26 25
8 7
5 4
0
Index
SBZ
SBZ
Seg
Table 2-17 TLB operations register 8
Function
Data
Instruction
Invalidate TLB(s)
SBZ
MCR p15,0,Rd,c8,c7,0
Invalidate I TLB
SBZ
MCR p15,0,Rd,c8,c5,0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com