Electronic Components Datasheet Search
  English  ▼

X  

HCPL-0870 Datasheet(PDF) 4 Page - Agilent(Hewlett-Packard)

Part # HCPL-0870
Description  Isolated 15-bit A/D Converter
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCPL-0870 Datasheet(HTML) 4 Page - Agilent(Hewlett-Packard)

  HCPL-0870 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HCPL-0870 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HCPL-0870 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HCPL-0870 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HCPL-0870 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HCPL-0870 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HCPL-0870 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HCPL-0870 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HCPL-0870 Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
1-263
Pin Description, Digital Interface IC
Symbol
Description
CCLK
Clock input for the Serial Configuration
Interface (SCI). Serial Configuration
data is clocked in on the rising edge
of CCLK.
CLAT
Latch input for the Serial Configuration
Interface (SCI). The last 8 data bits
clocked in on CDAT by CCLK are
latched into the appropriate
configuration register on the rising
edge of CLAT.
CDAT
Data input for the Serial Configuration
Interface (SCI). Serial configuration
data is clocked in MSB first.
MCLK1
Channel 1 Isolated Modulator clock
input. Input Data on MDAT1 is clocked
in on the rising edge of MCLK1.
MDAT1
Channel 1 Isolated Modulator data
input.
MCLK2
Channel 2 Isolated Modulator clock
input. Input Data on MDAT2 is clocked
in on the rising edge of MCLK2.
MDAT2
Channel 2 Isolated Modulator data
input.
GND
Digital ground.
Symbol
Description
VDD
Supply voltage (4.5 V to 5.5 V).
CHAN
Channel select input. The input level on
CHAN determines which channel of
data is used during the next conversion
cycle. An input low selects channel 1,
a high selects channel 2.
SCLK
Serial clock input. Serial data is clocked
out of SDAT on the falling edge of SCLK.
SDAT
Serial data output. SDAT changes from
high impedance to a logic low output
at the start of a conversion cycle.
SDAT then goes high to indicate that
data is ready to be clocked out. SDAT
returns to a high-impedance state after
all data has been clocked out and CS
has been brought high.
CS
Conversion start input. Conversion
begins on the falling edge of CS. CS
should remain low during the entire
conversion cycle and then be brought
high to conclude the cycle.
THR1
Continuous, programmable-threshold
detection for channel 1 input data. A
high level output on THR1 indicates
that the magnitude of the channel 1
input signal is beyond a user
programmable threshold level between
160 mV and 310 mV. This signal
continuously monitors channel 1
independent of the channel select
(CHAN) signal.
OVR1
High speed continuous over-range
detection for channel 1 input data. A
high level output on OVR1 indicates
that the magnitude of the channel 1
input is beyond full-scale. This signal
continuously monitors channel 1
independent of the CHAN signal.
RESET
Master reset input. A logic high input
for at least 100 ns asynchronously
resets all configuration registers to
their default values and zeroes the
Offset Calibration registers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com