Electronic Components Datasheet Search
  English  ▼

X  

HCPL-0870 Datasheet(PDF) 24 Page - Agilent(Hewlett-Packard)

Part # HCPL-0870
Description  Isolated 15-bit A/D Converter
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCPL-0870 Datasheet(HTML) 24 Page - Agilent(Hewlett-Packard)

Back Button HCPL-0870 Datasheet HTML 20Page - Agilent(Hewlett-Packard) HCPL-0870 Datasheet HTML 21Page - Agilent(Hewlett-Packard) HCPL-0870 Datasheet HTML 22Page - Agilent(Hewlett-Packard) HCPL-0870 Datasheet HTML 23Page - Agilent(Hewlett-Packard) HCPL-0870 Datasheet HTML 24Page - Agilent(Hewlett-Packard) HCPL-0870 Datasheet HTML 25Page - Agilent(Hewlett-Packard) HCPL-0870 Datasheet HTML 26Page - Agilent(Hewlett-Packard) HCPL-0870 Datasheet HTML 27Page - Agilent(Hewlett-Packard) HCPL-0870 Datasheet HTML 28Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 24 / 28 page
background image
1-283
Table 8. Threshold Level Configuration.
Configuration Data Bits
Threshold Level
Bit 5
Bit 4
Bit 3
Bit 2
± 160 mV
Low
Low
Low
Low
± 170 mV
Low
Low
Low
High
± 180 mV
High
Low
± 190 mV
High
± 200 mV
High
Low
Low
± 210 mV
High
± 220 mV
High
Low
± 230 mV
High
± 240 mV
High
Low
Low
Low
± 250 mV
High
± 260 mV
High
Low
± 270 mV
High
± 280 mV
High
Low
Low
± 290 mV
High
± 300 mV
High
Low
± 310 mV
High
Note: Bold italic type indicates default values.
Over-Range Detection
The over-range detection circuit
allows fast detection of when the
magnitude of the input signal on
channel 1 is near or beyond full
scale, causing the OVR1 output to
go high. This circuit can be very
useful in current-sensing applica-
tions for quickly detecting when a
short-circuit occurs. The over-
range detection circuit works by
detecting when the modulator
output data has not changed state
for at least 25 clock cycles in a
row, indicating that the input
signal is near or beyond full-
scale, positive or negative.
Typical response time to over-
range signals is less than 3
µs.
The over-range circuit actually
begins to indicate an over-range
condition when the magnitude of
the input signal exceeds approxi-
mately 250 mV; it starts to
generate periodic short pulses on
OVR1 which get longer and more
frequent as the input signal
approaches full scale. The OVR1
output stays high continuously
when the input is beyond full
scale.
The over-range detection circuit
continuously monitors channel 1
independent of which channel is
selected with the CHAN signal.
This allows continuous monitor-
ing of channel 1 for faults while
converting an input signal on
channel 2.
Adjustable Threshold
Detection
The adjustable threshold detector
causes the THR1 output to go
high when the magnitude of the
input signal on channel 1 exceeds
a user-defined threshold level.
The threshold level can be set to
one of 16 different values
between approximately 160 mV
and 310 mV. The adjustable
threshold detector uses a smaller
version of the main conversion
circuit in combination with a
digital comparator to detect when
the magnitude of the input signal
on channel 1 is beyond the
defined threshold level. As with
the main conversion circuit, there
is a trade-off between speed and
resolution with the threshold
detector; selecting faster detec-
tion times exhibit more noise as
the signal passes through the
threshold, while slower detection
times offer lower noise. Both the
detection time and threshold level
are programmable using bits 2
through 7 of configuration
register 2, as shown in Tables 7
and 8 below.
As with the over-range detector,
the adjustable threshold detector
continuously monitors channel 1
independent of which channel is
selected with the CHAN signal.
This allows continuous monitor-
ing of channel 1 for faults while
converting Channel 2.
Table 7. Threshold
Detection Configuration.
Configuration
Data Bits
Time
Bit 7
Bit 6
2 - 6
µs
Low
Low
3 - 10
µs
Low
High
5 - 20
µs
High
Low
10 - 35
µs
High
High
Note: Bold italic type indicates default
values.
Threshold
Detection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com