Electronic Components Datasheet Search
  English  ▼

X  

HCPL-0870 Datasheet(PDF) 9 Page - Agilent(Hewlett-Packard)

Part # HCPL-0870
Description  Isolated 15-bit A/D Converter
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCPL-0870 Datasheet(HTML) 9 Page - Agilent(Hewlett-Packard)

Back Button HCPL-0870 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HCPL-0870 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HCPL-0870 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HCPL-0870 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HCPL-0870 Datasheet HTML 9Page - Agilent(Hewlett-Packard) HCPL-0870 Datasheet HTML 10Page - Agilent(Hewlett-Packard) HCPL-0870 Datasheet HTML 11Page - Agilent(Hewlett-Packard) HCPL-0870 Datasheet HTML 12Page - Agilent(Hewlett-Packard) HCPL-0870 Datasheet HTML 13Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
1-268
Package Characteristics
Unless otherwise noted, all specifications are at TA = +25°C.
Parameter
Symbol
Min.
Typ.
Max. Units
Test Conditions
Note
Input-Output Momentary
VISO
3750
Vrms
RH
≤ 50%, t = 1 min.
14,15
Withstand Voltage
(See note ** below)
Resistance (Input - Output)
RI-O
1012
1013
Ω
VI-O = 500 Vdc
15
1011
TA = 100°C
Capacitance
CI-O
0.7
pF
f = 1 MHz
(Input - Output)
Input IC Junction-to-Case
θjci
96
°C/W Thermocouple located at
Thermal Resistance
center underside of
Output IC Junction-to-Case
θjco
114
°C/W
Thermal Resistance
** The Input-Output Momentary Withstand Voltage is a dielectric voltage rating that should not be interpreted as an input-output
continuous voltage rating. For the continuous voltage rating refer to your equipment level safety specification or HP Application Note
1074, Optocoupler Input-Output Endurance Voltage.
8-pin DIP Gull Wing Surface Mount Option 300
package
0.635 ± 0.25
(0.025 ± 0.010)
12° NOM.
0.255 (0.075)
0.010 (0.003)
9.65 ± 0.25
(0.380 ± 0.010)
0.51 ± 0.130
(0.020 ± 0.005)
7.62 ± 0.25
(0.300 ± 0.010)
5
6
7
8
4
3
2
1
9.65 ± 0.25
(0.380 ± 0.010)
6.350 ± 0.25
(0.250 ± 0.010)
1.02 (0.040)
1.19 (0.047)
1.19 (0.047)
1.78 (0.070)
9.65 ± 0.25
(0.380 ± 0.010)
4.83
(0.190)
TYP.
0.380 (0.015)
0.635 (0.025)
PIN LOCATION (FOR REFERENCE ONLY)
1.080 ± 0.320
(0.043 ± 0.013)
4.19
(0.165)
MAX.
1.780
(0.070)
MAX.
1.19
(0.047)
MAX.
2.540
(0.100)
BSC
DIMENSIONS IN MILLIMETERS (INCHES).
TOLERANCES (UNLESS OTHERWISE SPECIFIED): xx.xx = 0.01
xx.xxx = 0.005
MOLDED
LEAD COPLANARITY
MAXIMUM: 0.102 (0.004)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com