Electronic Components Datasheet Search
  English  ▼

X  

HCPL-0870 Datasheet(PDF) 15 Page - Agilent(Hewlett-Packard)

Part # HCPL-0870
Description  Isolated 15-bit A/D Converter
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCPL-0870 Datasheet(HTML) 15 Page - Agilent(Hewlett-Packard)

Back Button HCPL-0870 Datasheet HTML 11Page - Agilent(Hewlett-Packard) HCPL-0870 Datasheet HTML 12Page - Agilent(Hewlett-Packard) HCPL-0870 Datasheet HTML 13Page - Agilent(Hewlett-Packard) HCPL-0870 Datasheet HTML 14Page - Agilent(Hewlett-Packard) HCPL-0870 Datasheet HTML 15Page - Agilent(Hewlett-Packard) HCPL-0870 Datasheet HTML 16Page - Agilent(Hewlett-Packard) HCPL-0870 Datasheet HTML 17Page - Agilent(Hewlett-Packard) HCPL-0870 Datasheet HTML 18Page - Agilent(Hewlett-Packard) HCPL-0870 Datasheet HTML 19Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 28 page
background image
1-274
9
10.00–10.65
(0.394–0.419)
(TIP TO TIP)
2.386–2.586
(0.094–0.1018)
1.27 BSC
(0.050 BSC)
HP 0870
YYWW
2.286
(0.090)
1.90
(0.075)
1.90
(0.075)
7.544 ± 0.05
(0.297 ± 0.002)
0.33 x 45°
(0.013 x 45°)
PIN NO. 1 IDENTIFIER
∅ 1.27 (0.050) x 0.075 (0.003) DEPTH
SHINY SURFACE
1.27
(0.050)
10
11
12
13
14
15
16
8
7
6
5
4
3
2
1
10.21 ± 0.10
(0.402 ± 0.002)
0.33–0.51
(0.013–0.020)
0.01 (0.004)
0.10–0.30
(0.004–0.0118)
1.016 ± 0.025
(0.040 ± 0.001)
R 0.18 (R 0.007)
ALL CORNERS
AND EDGES
SEATING PLANE
TH
XX
TOP VIEW
BOTTOM VIEW
SIDE VIEW
END VIEW
A
1.016 REF.
(0.040)
0.40 – 1.27
(0.016 – 0.050)
0° – 8°
7°
DETAIL A
∅ 1.27 (0.050)
x 0.075 (0.003)
DEPTH
(2x) EJECTOR PIN
SHINY SURFACE
0.23–0.32
(0.0091–0.0125)
PARTING
LINE
DIMENSIONS IN MILLIMETERS (INCHES).
TOLERANCES
(UNLESS OTHERWISE SPECIFIED): xx.xx = ± 0.010
xx.xxx = ± 0.002
1.27 (0.050)
Standard 16-pin SO Package



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com