Electronic Components Datasheet Search
  English  ▼

X  

HCPL-0870 Datasheet(PDF) 13 Page - Agilent(Hewlett-Packard)

Part # HCPL-0870
Description  Isolated 15-bit A/D Converter
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCPL-0870 Datasheet(HTML) 13 Page - Agilent(Hewlett-Packard)

Back Button HCPL-0870 Datasheet HTML 9Page - Agilent(Hewlett-Packard) HCPL-0870 Datasheet HTML 10Page - Agilent(Hewlett-Packard) HCPL-0870 Datasheet HTML 11Page - Agilent(Hewlett-Packard) HCPL-0870 Datasheet HTML 12Page - Agilent(Hewlett-Packard) HCPL-0870 Datasheet HTML 13Page - Agilent(Hewlett-Packard) HCPL-0870 Datasheet HTML 14Page - Agilent(Hewlett-Packard) HCPL-0870 Datasheet HTML 15Page - Agilent(Hewlett-Packard) HCPL-0870 Datasheet HTML 16Page - Agilent(Hewlett-Packard) HCPL-0870 Datasheet HTML 17Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
1-272
TEMPERATURE – °C
10.90
-20
11.05
20
60
10.80
10.95
VDD1 = 4.5 V
11.00
-40
85
040
VDD1 = 5.0 V
VDD1 = 5.5 V
10.85
Figure 16. IDD2 vs. VIN.
Figure 14. IIN vs. VIN.
Figure 15. IDD1 vs. VIN.
VIN – V
-4
-5
-4
1
04
-9
-2
0
-6
6
-2
2
-1
-3
-8
-6
-7
VIN – mV
9.0
8.5
-200
10.5
200
8.0
9.5
-40 °C
10.0
-400
400
0
25 °C
85 °C
VIN – mV
8.6
8.2
-200
9.4
200
8.0
8.8
-40 °C
9.2
-400
400
0
25 °C
85 °C
8.4
9.0
Figure 17. Clock Frequency vs. Temperature.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com