Electronic Components Datasheet Search
  English  ▼

X  

HCPL-0870 Datasheet(PDF) 1 Page - Agilent(Hewlett-Packard)

Part # HCPL-0870
Description  Isolated 15-bit A/D Converter
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCPL-0870 Datasheet(HTML) 1 Page - Agilent(Hewlett-Packard)

  HCPL-0870 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HCPL-0870 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HCPL-0870 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HCPL-0870 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HCPL-0870 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HCPL-0870 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HCPL-0870 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HCPL-0870 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HCPL-0870 Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
1-260
H
CAUTION: It is advised that normal static precautions be taken in handling and assembly of this component to
prevent damage and/or degradation which may be induced by ESD.
Isolated 15-bit A/D Converter
Technical Data
HCPL-7860
HCPL-0870, -7870
Features
• 12-bit Linearity
• 700 ns Conversion Time
(Pre-Trigger Mode 2)
• 5 Conversion Modes for
Resolution/Speed Trade-Off;
12-bit Effective Resolution
with 18
µs Signal Delay
(14-bit with 94
µs)
• Fast 3
µs Over-Range
Detection
• Serial I/O (SPI®, QSPI® and
Microwire® Compatible)
•
± 200 mV Input Range with
Single 5 V Supply
• 1% Internal Reference
Voltage Matching
Hewlett-Packard’s Isolated A/D Converter delivers the reliability, small size, superior
isolation and over-temperature performance motor drive designers need to accurately
measure current at half the price of traditional solutions.
SPI and QSPI are trademarks of Motorola Corp.
Microwire is a trademark of National Semiconductor Inc.
• Offset Calibration
• -40
°C to +85°C Operating
Temperature Range
• 15 kV/
µs Isolation Transient
Immunity
• Regulatory Approvals; UL,
CSA, VDE
DIGITAL
INTERFACE IC
ISOLATED
MODULATOR
ISOLATION
BOUNDARY
+
+
INPUT
CURRENT
OUTPUT
DATA
DIGITAL CURRENT SENSOR
5965-5255E


Similar Part No. - HCPL-0870

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-0872 AVAGO-HCPL-0872 Datasheet
212Kb / 12P
Digital Interface IC
HCPL-0872 AVAGO-HCPL-0872 Datasheet
212Kb / 12P
Digital Interface IC
HCPL-0872-000E AVAGO-HCPL-0872-000E Datasheet
212Kb / 12P
Digital Interface IC
More results

Similar Description - HCPL-0870

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HI3306 INTERSIL-HI3306 Datasheet
153Kb / 16P
6-Bit, 15 MSPS, Flash A/D Converter
December 1997
HI3318 INTERSIL-HI3318 Datasheet
109Kb / 12P
8-Bit, 15 MSPS, Flash A/D Converter
August 1997
logo
Microchip Technology
TC850 MICROCHIP-TC850 Datasheet
539Kb / 26P
15-Bit, Fast Integrating CMOS A/D Converter
2006
logo
Sanyo Semicon Device
LC7880M SANYO-LC7880M Datasheet
228Kb / 6P
16 bit D/A CONVERTER
logo
Zarlink Semiconductor I...
ZN425E8 ZARLINK-ZN425E8 Datasheet
244Kb / 8P
8-BIT D-A/A-D CONVERTER
logo
List of Unclassifed Man...
MN674A ETC1-MN674A Datasheet
504Kb / 8P
UP-COMPATIBLE 15 usec 12-Bit A/D CONVERTER
logo
Maxim Integrated Produc...
MAX171 MAXIM-MAX171 Datasheet
1Mb / 9P
Opto-Isolated Serial Output 5.8us 12-Bit A/D Converter
logo
List of Unclassifed Man...
ADC-800 ETC2-ADC-800 Datasheet
403Kb / 8P
15-BIT PLUS SIGN A/D CONVERTER WITH MICROPROCESSOR INTERFACE
logo
Microchip Technology
TC850 MICROCHIP-TC850_13 Datasheet
350Kb / 30P
15-Bit, Fast Integrating CMOS A/D Converter
11/29/12
logo
Keysight Technologies
M9185A KEYSIGHT-M9185A Datasheet
259Kb / 8P
PXI Isolated D/A Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com