Electronic Components Datasheet Search
  English  ▼

X  

HCPL-0870 Datasheet(PDF) 5 Page - Agilent(Hewlett-Packard)

Part # HCPL-0870
Description  Isolated 15-bit A/D Converter
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCPL-0870 Datasheet(HTML) 5 Page - Agilent(Hewlett-Packard)

  HCPL-0870 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HCPL-0870 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HCPL-0870 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HCPL-0870 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HCPL-0870 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HCPL-0870 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HCPL-0870 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HCPL-0870 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HCPL-0870 Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
1-264
Isolated A/D Converter Performance
Electrical Specifications
Unless otherwise noted, all specifications are at VIN+ = -200 mV to +200 mV and VIN- = 0 V; all Typical
specifications are at TA = 25°C and VDD1 = VDD2 = VDD = 5 V; all Minimum/Maximum specifications are at
TA = -40°C to +85°C, VDD1 = VDD2 = VDD = 4.5 to 5.5 V.
Parameter
Symbol
Min.
Typ.
Max.
Units
Test Conditions
Fig. Note
STATIC CONVERTER CHARACTERISTICS
Resolution
15
bits
1
Integral Nonlinearity
INL
6
30
LSB
3
2
0.025
0.14
%
4
Differential Nonlinearity
DNL
1
LSB
3
Uncalibrated Input Offset
VOS
-1
1
2.5
mV
VIN+ = 0 V
5
Offset Drift vs. Temperature
dVOS/dTA
4
µV/°C4
Offset drift vs. VDD1
dVOS/dVDD1
0.7
mV/V
Internal Reference Voltage
VREF
326
mV
Absolute Reference Voltage
-4
4
%
6
5
Tolerance
Reference Voltage
-1
1
%
TA = 25°C.
Matching
See Note 5
VREF Drift vs. Temperature
dVREF/dTA
190
ppm/
°C
VREF Drift vs. VDD1
dVREF/dVDD1
0.9
%
Full Scale Input Range
-VREF
+VREF
mV
6
Recommended Input
-200
+200
Voltage Range
DYNAMIC CONVERTER CHARACTERISTICS
(Digital Interface IC is set to Conversion Mode 3.)
Signal-to-Noise Ratio
SNR
62
73
dB
VIN+ = 35 Hz,
2,9
Total Harmonic Distortion
THD
-67
Signal-to-(Noise
SND
66
+ Distortion)
Effective Number of Bits
ENOB
10
12
bits
8
7
Conversion Time
tC2
0.7
1.0
µs
Pre-Trigger Mode 2
7,
8
tC1
18
22
Pre-Trigger Mode 1
tC0
37
44
Pre-Trigger Mode 0
Signal Delay
tDSIG
18
22
10
9
Over-Range Detect Time
tOVR1
2.0
2.7
4.2
VIN+ = 0 to 400 mV 12
10
Threshold Detect Time
tTHR1
10
11
Signal Bandwidth
BW
18
22
kHz
11
12
Isolation Transient
CMR
15
20
kV/
µsVISO = 1 kV
13
Immunity
400 mVpk-pk
(141 mVrms) sine
wave.
step waveform
14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com