Electronic Components Datasheet Search
  English  ▼

X  

HCPL-0870 Datasheet(PDF) 16 Page - Agilent(Hewlett-Packard)

Part # HCPL-0870
Description  Isolated 15-bit A/D Converter
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCPL-0870 Datasheet(HTML) 16 Page - Agilent(Hewlett-Packard)

Back Button HCPL-0870 Datasheet HTML 12Page - Agilent(Hewlett-Packard) HCPL-0870 Datasheet HTML 13Page - Agilent(Hewlett-Packard) HCPL-0870 Datasheet HTML 14Page - Agilent(Hewlett-Packard) HCPL-0870 Datasheet HTML 15Page - Agilent(Hewlett-Packard) HCPL-0870 Datasheet HTML 16Page - Agilent(Hewlett-Packard) HCPL-0870 Datasheet HTML 17Page - Agilent(Hewlett-Packard) HCPL-0870 Datasheet HTML 18Page - Agilent(Hewlett-Packard) HCPL-0870 Datasheet HTML 19Page - Agilent(Hewlett-Packard) HCPL-0870 Datasheet HTML 20Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 28 page
background image
1-275
Absolute Maximum Ratings
Parameter
Symbol
Min.
Max.
Units
Note
Storage Temperature
TS
-55
+125
°C
Ambient Operating Temperature
TA
-40
+85
°C
Supply Voltage
VDD
0
5.5
V
Input Voltage
All Inputs
-0.5
VDD + 0.5
V
Output Voltage
All Outputs
-0.5
VDD + 0.5
V
Lead Solder Temperature
260
°C for 10 seconds, 1.6 mm below seating plane
17
Solder Reflow Temperature Profile
See Reflow Thermal Profile
Note:
17. HP recommends the use of non-chlorinated solder fluxes.
Recommended Operating Conditions
Parameter
Symbol
Min.
Max.
Units
Note
Ambient Operating Temperature
TA
-40
+85
°C
Supply Voltage
VDD
4.5
5.5
V
Input Voltage
All Inputs
0
VDD
V
Maximum Solder Reflow Thermal Profile
240
∆T = 115°C, 0.3°C/SEC
0
∆T = 100°C, 1.5°C/SEC
∆T = 145°C, 1°C/SEC
TIME – MINUTES
220
200
180
160
140
120
100
80
60
40
20
0
260
12
3
456789
10
11
12
(NOTE: USE OF NON-CHLORINE ACTIVATED FLUXES IS RECOMMENDED.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com