Electronic Components Datasheet Search
  English  ▼

X  

UPC1830 Datasheet(PDF) 4 Page - NEC

Part # UPC1830
Description  FILTER-CONTAINING VIDEO CHROMA, SYNCHRONIZING SIGNAL PROCESSING LSI COMPATIBLE WITH NTSC/PAL SYSTEM
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC1830 Datasheet(HTML) 4 Page - NEC

  UPC1830 Datasheet HTML 1Page - NEC UPC1830 Datasheet HTML 2Page - NEC UPC1830 Datasheet HTML 3Page - NEC UPC1830 Datasheet HTML 4Page - NEC UPC1830 Datasheet HTML 5Page - NEC UPC1830 Datasheet HTML 6Page - NEC UPC1830 Datasheet HTML 7Page - NEC UPC1830 Datasheet HTML 8Page - NEC UPC1830 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 44 page
background image
µPC1830
4
3. PIN CONFIGURATION (Top View)
42-pin plastic shrink SOP (375 mil)
µPC1830GT
142
241
340
4
39
538
637
736
835
934
10
33
11
32
12
31
13
30
14
29
15
28
16
27
17
26
18
25
19
24
20
23
21
22
32 fH VCO filter
32 fH VCO filter
32 fH VCO filter
Horizontal AFC filter
GND (synchronous section)
fV 50/60 switch
Power supply (synchronous section)
Color killer output
Blanking pulse output
HD pulse output
VD pulse output
Y output
R-Y output
B-Y output
GND (video section)
Y input
Power supply (video section)
R-Y input
B-Y input
Color control
Tint control
NTSC/PAL switch
fSC switch
H sync. detect filter
Sync. separation input
Contrast control
Subcolor control
Composite video signal input
Power supply (chroma section)
Separate chroma input
GND (chroma section)
ACC filter
fo adjustment filter
Chroma APC filter
fSC VCO input (4.43 MHz)
fSC VCO input (3.58 MHz)
fSC VCO output
Color killer filter
B output
G output
R output
Clamp pulse input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com