Electronic Components Datasheet Search
  English  ▼

X  

UPC1830 Datasheet(PDF) 11 Page - NEC

Part # UPC1830
Description  FILTER-CONTAINING VIDEO CHROMA, SYNCHRONIZING SIGNAL PROCESSING LSI COMPATIBLE WITH NTSC/PAL SYSTEM
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC1830 Datasheet(HTML) 11 Page - NEC

Back Button UPC1830 Datasheet HTML 7Page - NEC UPC1830 Datasheet HTML 8Page - NEC UPC1830 Datasheet HTML 9Page - NEC UPC1830 Datasheet HTML 10Page - NEC UPC1830 Datasheet HTML 11Page - NEC UPC1830 Datasheet HTML 12Page - NEC UPC1830 Datasheet HTML 13Page - NEC UPC1830 Datasheet HTML 14Page - NEC UPC1830 Datasheet HTML 15Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 44 page
background image
µPC1830
11
36
Composite
video signal
input
37
Subcolor
control
38
Contrast
control
39
Sync.
separation
input
Composite video signal or separate
Y signal input pin. This pin also
serves as a clamp pin.
Input the signal with C coupling.
DC level is approx. 2.3 V.
Decoder color and contrast
adjustment pins.
Input pin of sync. separation
circuit.
Pin No.
Pin name
Equivalent circuit
Function descriptions
36
VCC
5 k
Ω
5 k
Ω
37
10 k
Ω
40 k
Ω
70 k
Ω
38
VCC
39
5 k
Ω
VCC
VCC
16 k
Ω
100
Ω
167
Ω
5 k
Ω
5 k
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com