Electronic Components Datasheet Search
  English  ▼

X  

UPC1830 Datasheet(PDF) 23 Page - NEC

Part # UPC1830
Description  FILTER-CONTAINING VIDEO CHROMA, SYNCHRONIZING SIGNAL PROCESSING LSI COMPATIBLE WITH NTSC/PAL SYSTEM
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC1830 Datasheet(HTML) 23 Page - NEC

Back Button UPC1830 Datasheet HTML 19Page - NEC UPC1830 Datasheet HTML 20Page - NEC UPC1830 Datasheet HTML 21Page - NEC UPC1830 Datasheet HTML 22Page - NEC UPC1830 Datasheet HTML 23Page - NEC UPC1830 Datasheet HTML 24Page - NEC UPC1830 Datasheet HTML 25Page - NEC UPC1830 Datasheet HTML 26Page - NEC UPC1830 Datasheet HTML 27Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 44 page
background image
µPC1830
23
Input signal
Burst
600 mVp-p
Burst
30 mVp-p
Burst
600mVp-p
Burst
30 mVp-p
Burst
300 mVp-p
Burst
15 mVp-p
Burst
300 mVp-p
Burst
15 mVp-p
Color bar 1
Color bar 1
–
–
Color bar 1
Color bar 1
Color bar 1
–
Composite
f SC
PAL or
MIN.
TYP.
MAX.
Unit
/Separate
(MHz) NTSC
Composite
4.43
–
–2.0
0.0
+2.0
dB
–
–7.0
–3.0
+1.0
dB
3.58
–
–2.0
0.0
+2.0
dB
–
–7.0
–3.0
+1.0
dB
Separate
4.43
–
–2.0
0.0
+2.0
dB
–
–7.0
–3.0
+1.0
dB
3.58
–
–2.0
0.0
+2.0
dB
–
–7.0
–3.0
+1.0
dB
Composite
4.43
PAL
–48
–40
–32
dB
3.58
NTSC
–48
–40
–32
dB
Separate
4.43
PAL
–48
–40
–32
dB
3.58
NTSC
–48
–40
–32
dB
–
––0–
50
mVp-p
–
–
–
3.9
4.05
V
–
–
–
0.5
0.6
V
Composite
4.43
–
30
45
–
dB
Composite
4.43
–
0
–
50
mVp-p
Composite
4.43
PAL
±400
±600
–
Hz
3.58
NTSC
±400
±600
–
Hz
Separate
4.43
PAL
±400
±600
–
Hz
3.58
NTSC
±400
±600
–
Hz
–
4.43
–
1.0
1.2
1.4
Hz/mV
3.58
–
1.0
1.2
1.4
Hz/mV
Parameter
ACC amplitude
characteristics
Color killer setting
point
Color killer color
remainder
Color killer output,
high
Color killer output,
low
Subcolor control
variable range
Subcolor control
color remainder
APC pull-in range
VCO control
sensitivity
Conditions
B-Y output level
fluctuation.
With reference to burst
300 mVp-p.
Level at which killer
output goes high with
burst signal 300 mVp-p
set to 0 dB.
Level at which killer
output goes high with
burst signal 150 mVp-p
set to 0 dB.
B-Y output remaining
level when killer output
is high.
Color killer output level
when color killer is ON,
IOH = –200
µA.
Color killer output level
when color killer is
OFF, IOL = +200
µA.
B-Y output level ratio of
max./min. subcolor.
B-Y output remaining
subcolor difference
level, Color = min.
APC pull-in frequency
range when burst
chroma frequency
changes. (fsc =
reference)
Calculate from
oscillation freq. when
APC filter pin voltage is
2.3/2.7 V.
Symbol
ACC1
ACC2
ACC3
ACC4
ACC5
ACC6
ACC7
ACC8
eKPC
eKPS
eOK
ECKH
ECKL
eCC
eOC
fSP
βS
(1/3)
Color
bar
2
B-Y output level
fluctuation.
With reference to burst
300 mVp-p.
Remark
For the input signal, see Measuring Input Signal.
CHROMA SECTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com