Electronic Components Datasheet Search
  English  ▼

X  

UPC1830 Datasheet(PDF) 16 Page - NEC

Part # UPC1830
Description  FILTER-CONTAINING VIDEO CHROMA, SYNCHRONIZING SIGNAL PROCESSING LSI COMPATIBLE WITH NTSC/PAL SYSTEM
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC1830 Datasheet(HTML) 16 Page - NEC

Back Button UPC1830 Datasheet HTML 12Page - NEC UPC1830 Datasheet HTML 13Page - NEC UPC1830 Datasheet HTML 14Page - NEC UPC1830 Datasheet HTML 15Page - NEC UPC1830 Datasheet HTML 16Page - NEC UPC1830 Datasheet HTML 17Page - NEC UPC1830 Datasheet HTML 18Page - NEC UPC1830 Datasheet HTML 19Page - NEC UPC1830 Datasheet HTML 20Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 44 page
background image
µPC1830
16
5.3 Matrix Section
(1) Input signal
•
Brightness input signal
After coupling by a capacitor (0.22
µF), a brightness signal which has 1 Vp-p of video part is input to the Y input
pin (pin 16).
•
Color difference input signal
After coupling by a capacitor (0.22
µF), 1 Vp-p R-Y and B-Y signals are input to the R-Y and B-Y input pins
(pins 18 and 19).
(2) Y, R-Y and B-Y input clamp circuit
Clamps Y, R-Y and B-Y signals when the voltage of the clamp pulse input pin (pin 22) is 2.8 V or higher.
Input a clamp pulse to the clamp pulse input pin (pin 22) in synchronization with the burst section of an input signal
as shown in Figure 5-3.
In the application circuit example, adjust the position of the clamp pulse by DELAY (
µPD4538B external variable
resistor: 10 k
Ω) and the clamp pulse width by PD (
µPD4538B external variable resistor: 10 kΩ).
Figure 5-3. 22-Pin Input Clamp Pulse Waveform
(3) Amplification color control circuit
Adjusts the amplitude of a color difference signal input to the R-Y input pin (pin 18) and B-Y input pin (pin 19) according
to the voltage of the color control pin (pin 20). This controls the color density on the screen.
When using a matrix, adjust the color density mainly using this color control and fix the voltage of the subcolor control
pin (pin 37) at 2 V (TYP.).
The control characteristic is shown in Figure 5-4.
Video signal
Composite
video input
22-pin input
clamp pulse
Burst signal
Clamp operates at 2.8 V or higher.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com