Electronic Components Datasheet Search
  English  ▼

X  

UPC1830 Datasheet(PDF) 17 Page - NEC

Part # UPC1830
Description  FILTER-CONTAINING VIDEO CHROMA, SYNCHRONIZING SIGNAL PROCESSING LSI COMPATIBLE WITH NTSC/PAL SYSTEM
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC1830 Datasheet(HTML) 17 Page - NEC

Back Button UPC1830 Datasheet HTML 13Page - NEC UPC1830 Datasheet HTML 14Page - NEC UPC1830 Datasheet HTML 15Page - NEC UPC1830 Datasheet HTML 16Page - NEC UPC1830 Datasheet HTML 17Page - NEC UPC1830 Datasheet HTML 18Page - NEC UPC1830 Datasheet HTML 19Page - NEC UPC1830 Datasheet HTML 20Page - NEC UPC1830 Datasheet HTML 21Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 44 page
background image
µPC1830
17
Figure 5-4. Color Control Characteristic
(a) NTSC mode
(b) PAL mode
(4) Tint control circuit
Controls the phase of a color difference signal whose amplitude is adjusted by the color control circuit, in a range of
±45° according to the voltage of the tint control pin (pin 21), and adjusts tint on the screen.
Table 5-2 shows the demodulation angle and demodulation ratio in each mode and Figure 5-5 shows the control
characteristic.
Table 5-2. Demodulation Angle and Demodulation Ratio when
Tint Control Pin (Pin 21) Voltage = 2 V (TYP.)
Mode
Demodulation angle (
∠R-Y)
Demodulation ratio (R-Y/B-Y)
NTSC
105
° (TYP.)
0.75 (TYP.)
PAL
90
° (TYP.)
0.61 (TYP.)
Figure 5-5. Tint Control Characteristic
(a) NTSC mode
(b) PAL mode
0.8
0.1
0
12345
0.2
0.3
0.4
0.5
0.6
0.7
Color control pin voltage (V)
VCC = 5 V
400 mVp-p stair step B-Y input
Tint control pin voltage: 2 V
0.9
1.0
0.8
0.1
0
12345
0.2
0.3
0.4
0.5
0.6
0.7
Color control pin voltage (V)
VCC = 5 V
400 mVp-p stair step B-Y input
Tint control pin voltage: 2 V
0.9
1.0
+90
_90
0
12345
_45
0
+45
Tint control pin voltage (V)
400 mVp-p stair step R-Y, B-Y input
Tint control pin voltage: MAX.
VCC = 5 V
+90
_90
0
12345
_45
0
+45
Tint control pin voltage (V)
400 mVp-p stair step R-Y, B-Y input
Tint control pin voltage: MAX.
VCC = 5 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com