Electronic Components Datasheet Search
  English  ▼

X  

UPC1830 Datasheet(PDF) 18 Page - NEC

Part # UPC1830
Description  FILTER-CONTAINING VIDEO CHROMA, SYNCHRONIZING SIGNAL PROCESSING LSI COMPATIBLE WITH NTSC/PAL SYSTEM
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC1830 Datasheet(HTML) 18 Page - NEC

Back Button UPC1830 Datasheet HTML 14Page - NEC UPC1830 Datasheet HTML 15Page - NEC UPC1830 Datasheet HTML 16Page - NEC UPC1830 Datasheet HTML 17Page - NEC UPC1830 Datasheet HTML 18Page - NEC UPC1830 Datasheet HTML 19Page - NEC UPC1830 Datasheet HTML 20Page - NEC UPC1830 Datasheet HTML 21Page - NEC UPC1830 Datasheet HTML 22Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 44 page
background image
µPC1830
18
(5) G-Y demodulation circuit
Demodulates G-Y using (R-Y)’, (B-Y)’ which is color difference signal after tint adjustment and the following
expression.
G-Y demodulation expression: (G-Y) = –0.51
× (R-Y)’ – 0.19 × (B-Y)’
(6) RGB matrix circuit
Adds a brightness signal: Y to each of (R-Y)’, (B-Y)’ and G-Y to create R, G, and B signals.
5.4 Synchronizing Signal Processing Section
(1) Input signal
A composite video signal or brightness signal is input to the synchronizing separate input pin (pin 39) at 1 VP-P.
(2) Sync. separation circuit
Separates the sync. signal from a composite video signal. The slice level can be changed using an external resistor:
RX (see Figure 5-6, TYP. = 220
Ω).
The operation of the
µPC1830 sync. separation circuit is explained below.
Figure 5-6 is an equivalent circuit diagram of the
µPC1830 sync. separation circuit.
Figure 5-6.
µPC1830 Sync. Separate Input Section Equivalent Circuit
In Figure 5-6, the slice level of sync. separation is determined as follows:
When a negative sync. video signal is input, charge current ISP flows from the
µPC1830 to CO so that the
synchronization peak (minimum potential) becomes approximately 2.5 V. The voltage of the sync. separate
input pin (pin 39) becomes 2.5 V or higher during a period other than the synchronization peak (minimum
potential), thus cutting off transistor TR1 (reducing the collector current of TR1). Consequently, a charge in CO
is discharged via RO and RX by current IX during this cut-off period. Figure 5-7 illustrates this situation.
Approx. 2.5 V
(when VCC = 5 V)
VCC
VCC
5 k
Ω
16 k
Ω
100
Ω
167
Ω
5 k
Ω
5 k
Ω
39
Ro
Rx
1.8 k
Ω
Co
A733
Ix
Isp
VCC
+
TR1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com